Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2980 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2980
Description  140 MHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2980 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2980 Datasheet HTML 1Page - KR Electronics, Inc. 2980 Datasheet HTML 2Page - KR Electronics, Inc. 2980 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2010, KR Electronics, Inc.
2980+, Rev 0, April 27, 2010
KR Electronics 2980+
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Notes
Filter type
Bandpass
Center Frequency
140 MHz
Insertion Loss at 140 MHz
3 dB max
< 1 dB typical
2 dB Bandwidth
75 MHz min
80 MHz typical
Attenuation at 84.3 MHz
50 dB min
Attenuation at 195.7 MHz
50 dB min
Source and Load
50
RoHS
Yes
Notes:
1.
Surface mount package — Metal cover open frame
2.
Dimensions in inches
3.
Maximum reflow temperature is 230° C for 10 sec maximum.
4.
If boards are cleaned after installation, units must be completely dried.


Similar Part No. - 2980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2980 ETC2-2980 Datasheet
102Kb / 1P
   5 STAR-KNOB
2980-A ETC2-2980-A Datasheet
112Kb / 1P
   5 STAR-KNOB
2980-B ETC2-2980-B Datasheet
104Kb / 1P
   5 STAR-KNOB
2980-N ETC2-2980-N Datasheet
92Kb / 1P
   5 STAR-KNOB
2980-P ETC2-2980-P Datasheet
92Kb / 1P
   5 STAR-KNOB
More results

Similar Description - 2980

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
   140 MHz Bandpass Filter
3135-140-10 KR-3135-140-10 Datasheet
108Kb / 3P
   140 MHz Bandpass Filter
3042 KR-3042 Datasheet
53Kb / 3P
   140 MHz Bandpass Filter
3135-140-20 KR-3135-140-20 Datasheet
103Kb / 3P
   140 MHz Bandpass Filter
3135-140-40 KR-3135-140-40 Datasheet
103Kb / 3P
   140 MHz Bandpass Filter
3059 KR-3059 Datasheet
59Kb / 3P
   140 MHz Bandpass Filter
3132 KR-3132 Datasheet
74Kb / 3P
   140 MHz Bandpass Filter
3071 KR-3071 Datasheet
59Kb / 3P
   140 MHz Bandpass Filter
3135-140-30 KR-3135-140-30 Datasheet
107Kb / 3P
   140 MHz Bandpass Filter
logo
Vanlong Technology Co.,...
BP62320 VANLONG-BP62320 Datasheet
44Kb / 1P
   140 MHz Bandpass SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com