Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3017 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3017
Description  455 MHz Bandpass
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3017 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3017 Datasheet HTML 1Page - KR Electronics, Inc. 3017 Datasheet HTML 2Page - KR Electronics, Inc. 3017 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2011, KR Electronics, Inc.
3017, 455 MHz Bandpass, Rev 0, March 24, 2011
Parameter
Specification
Filter type
Bandpass
Center Frequency
455 MHz
Insertion Loss
4 dB typical
3 dB Bandwidth
30 MHz min
20 dB Bandwidth
59 MHz typical
40 dB Bandwidth
94 MHz typical
60 dB Bandwidth
160 MHz typical
Source and Load
50


KR Electronics 3017
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package
2.
Dimensions in inches
3.
Max reflow temperature 209° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried


Similar Part No. - 3017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3017 ETC2-3017 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
RAF ELECTRONIC HARDWARE
3017-B-256-AL RAF-3017-B-256-AL Datasheet
89Kb / 1P
   5/32 ROUND SWAGE STANDOFFS
logo
KR Electronics, Inc.
3017-SMA KR-3017-SMA Datasheet
100Kb / 3P
   455 MHz Bandpass Filter
logo
National Semiconductor ...
30170-53 NSC-30170-53 Datasheet
4Mb / 247P
   Geode??GXLV Processor Series Low Power Integrated x86 Solutions
30170-53 NSC-30170-53 Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
More results

Similar Description - 3017

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3012-455 KR-3012-455 Datasheet
97Kb / 3P
   455 MHz Bandpass Filter
3017-SMA KR-3017-SMA Datasheet
100Kb / 3P
   455 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0267A TAI-SAW-TB0267A Datasheet
372Kb / 6P
   SAW Filter 455 MHz
TA1087A TAI-SAW-TA1087A Datasheet
408Kb / 6P
   SAW Filter 455 MHz
TA1258A TAI-SAW-TA1258A Datasheet
453Kb / 8P
   SAW Filter 455 MHz
logo
API Technologies Corp
SF0455BA03134S APITECH-SF0455BA03134S Datasheet
158Kb / 3P
   455 MHz SAW Filter 30 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0455BA03134S SPECTRUM-SF0455BA03134S Datasheet
158Kb / 3P
   455 MHz SAW Filter 30 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TC0280A TAI-SAW-TC0280A Datasheet
332Kb / 5P
   SAW Resonator 455 MHz SMD3.8X3.8 mm
logo
KR Electronics, Inc.
2567-1 KR-2567-1 Datasheet
88Kb / 2P
   10.7 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
   174 MHz Bandpass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com