Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4RC10K Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4RC10K
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10K Datasheet(HTML) 2 Page - International Rectifier

  IRG4RC10K Datasheet HTML 1Page - International Rectifier IRG4RC10K Datasheet HTML 2Page - International Rectifier IRG4RC10K Datasheet HTML 3Page - International Rectifier IRG4RC10K Datasheet HTML 4Page - International Rectifier IRG4RC10K Datasheet HTML 5Page - International Rectifier IRG4RC10K Datasheet HTML 6Page - International Rectifier IRG4RC10K Datasheet HTML 7Page - International Rectifier IRG4RC10K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRG4RC10K
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
19
29
IC = 5.0A
Qge
Gate - Emitter Charge (turn-on)
2.9
4.3
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
9.8
15
VGE = 15V
td(on)
Turn-On Delay Time
11
tr
Rise Time
24
TJ = 25°C
td(off)
Turn-Off Delay Time
51
77
IC = 5.0A, VCC = 480V
tf
Fall Time
190
290
VGE = 15V, RG = 100Ω
Eon
Turn-On Switching Loss
0.16
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
0.10
mJ
See Fig. 9,10,14
Ets
Total Switching Loss
0.26 0.32
tsc
Short Circuit Withstand Time
10
——
µs
VCC = 400V, TJ = 125°C
VGE = 15V, RG = 100Ω , VCPK < 500V
td(on)
Turn-On Delay Time
11
TJ = 150°C,
tr
Rise Time
27
IC = 5.0A, VCC = 480V
td(off)
Turn-Off Delay Time
67
VGE = 15V, RG = 100Ω
tf
Fall Time
350
Energy losses include "tail"
Ets
Total Switching Loss
0.47
mJ
See Fig. 10,11,14
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
220
VGE = 0V
Coes
Output Capacitance
29
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
7.5
—ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
——
VVGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
T
18
——
VVGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.58
V/°CVGE = 0V, IC = 1.0mA
2.39
2.62
IC = 5.0A
VGE = 15V
VCE(ON)
Collector-to-Emitter Saturation Voltage
3.25
IC = 9.0A
See Fig.2, 5
2.63
IC = 5.0A , TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-11
mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
U
1.2
1.8
SVCE = 50 V, IC = 5.0A
——
250
VGE = 0V, VCE = 600V
——
2.0
VGE = 0V, VCE = 10V, TJ = 25°C
——
1000
VGE = 0V, VCE = 600V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
——
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ICES
Zero Gate Voltage Collector Current
V
µA
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
S Repetitive rating; pulse width limited by maximum
junction temperature.
T Pulse width ≤ 80µs; duty factor ≤ 0.1%.
U Pulse width 5.0µs, single shot.
Notes:
Q Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
R VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 100Ω,
(See fig. 13a)


Similar Part No. - IRG4RC10K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10KD IRF-IRG4RC10KD Datasheet
190Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10KDPBF IRF-IRG4RC10KDPBF Datasheet
326Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10KPBF IRF-IRG4RC10KPBF Datasheet
188Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
More results

Similar Description - IRG4RC10K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10U IRF-IRG4RC10U Datasheet
131Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10KD IRF-IRG4RC10KD Datasheet
190Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4BC10KD IRF-IRG4BC10KD Datasheet
210Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A)
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com