Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4020FPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74HC4020FPEL
Description  14-stage Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4020FPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74HC4020FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC4020FPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74HC4020
Rev.2.00 Mar 30, 2006 page 4 of 6
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
5
4
4.5
25
20
Maximum clock
frequency
fmax
6.0
29
24
MHz
2.0
175
220
4.5
14
35
44
tPLH
tPHL
6.0
30
37
ns
Clock to Q1
2.0
175
220
4.5
14
35
44
tPLH
tPHL
6.0
30
37
ns
Clock to Q1
2.0
200
250
4.5
18
40
50
tPLH
tPHL
6.0
34
43
ns
Reset to output
2.0
100
125
4.5
20
25
Propagation delay
time
tPLH
tPHL
6.0
17
21
ns
Qn to Qn – 1
2.0
100
125
4.5
20
6
25
Removal time
trem
6.0
17
21
ns
2.0
80
100
4.5
16
4
20
Pulse width
tw
6.0
14
17
ns
2.0
75
95
4.5
5
15
19
Output rise/fall
time
tTLH
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
CL = 50 pF
Clock
VCC
Output
Zout = 50
Input
Q14
Reset
CL = 50 pF
Output
Q1
Zout = 50
Input
Note : 1. CL includes probe and jig capacitance.
Pulse Generator
Pulse Generator


Similar Part No. - HD74HC4020FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4020FPEL RENESAS-HD74HC4020FPEL Datasheet
94Kb / 7P
   14-stage Binary Counter
More results

Similar Description - HD74HC4020FPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
   14 STAGE BINARY COUNTER
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
   14-stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
   14-stage Binary Counter
logo
Fairchild Semiconductor
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
   14 Stage Binary Counter
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
   14-stage binary counter
logo
Hitachi Semiconductor
HD74HC4020 HITACHI-HD74HC4020 Datasheet
53Kb / 9P
   14-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com