Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16855BG Datasheet(PDF) 9 Page - NEC

Part # UPD16855BG
Description  DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16855BG Datasheet(HTML) 9 Page - NEC

Back Button UPD16855BG Datasheet HTML 5Page - NEC UPD16855BG Datasheet HTML 6Page - NEC UPD16855BG Datasheet HTML 7Page - NEC UPD16855BG Datasheet HTML 8Page - NEC UPD16855BG Datasheet HTML 9Page - NEC UPD16855BG Datasheet HTML 10Page - NEC UPD16855BG Datasheet HTML 11Page - NEC UPD16855BG Datasheet HTML 12Page - NEC UPD16855BG Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet S13020EJ1V0DS00
9
µµµµPD16855
Over Current Detect Delay Time/CTL Input Low-Level Time for
µPD16855A/C
Over Current Detect Delay Time/CTL Input High-Level Time for
µPD16855B/D
ITH
tOVER
tCTL
IOUT
VOUT
FLG
CTL
90%
PD16855A
µ
PD16855C
µ
90%
90%
ITH
tOVER
tCTL
IOUT
VOUT
FLG
CTL
90%
PD16855B
µ
PD16855D
µ
10%
10%


Similar Part No. - UPD16855BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16855BG RENESAS-UPD16855BG Datasheet
309Kb / 30P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16855BG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US16855 UTC-US16855_17 Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855 UTC-US16855 Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855 UTC-US16855_15 Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
logo
NEC
UPD16875 NEC-UPD16875 Datasheet
260Kb / 20P
   DUAL Pch HIGH-SIDE SWITCH FOR USB
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com