Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG2601 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG2601
Description  N & P-Ch Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG2601 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG2601_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG2601_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG2601_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG2601_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG2601_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG2601_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG2601_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Elektronische Bauelemente
SSG2601
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 6.3 A, 20 V, RDS(ON) 25 mΩ
P-Ch: -5.3A, -20 V, RDS(ON) 75 mΩ
10-Jun-2014 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
N-CHANNEL ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
0.5
-
1
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
25
-
S
VDS=5V, ID=6A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS = ±12V
TJ=25°C
-
-
1
Drain-Source Leakage Current
TJ=55°C
IDSS
-
-
5
uA
VDS=16V, VGS=0
-
-
25
VGS=4.5V, ID=5.3A
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
34
m
VGS=2.5V, ID=5A
Total Gate Charge
2
Qg
-
9.5
-
Gate-Source Charge
Qgs
-
1.33
-
Gate-Drain (“Miller”) Change
Qgd
-
2.5
-
nC
ID=6A
VDS=15V
VGS=4.5V
Turn-on Delay Time
2
Td(on)
-
4.6
-
Rise Time
Tr
-
32
-
Turn-off Delay Time
Td(off)
-
25.6
-
Fall Time
Tf
-
8.4
-
nS
VDS=10V
VGS=4.5V
ID=6A
RG=3.3
Input Capacitance
Ciss
-
635
-
Output Capacitance
Coss
-
70
-
Reverse Transfer Capacitance
Crss
-
63
-
pF
VGS=0
VDS=15V
f=1.0MHz
Source-Drain Diode
Forward On Voltage
2
VSD
-
-
1.2
V
IS=1.2A, VGS=0, Tj=25°C
Continuous Source Current
1,4
IS
-
-
6.3
A
Pulsed Source Curren
2,4
ISM
-
-
25
A
VD= VG=0, Force Current
Notes:
1. Surface mounted on a 1 inch
2
FR-4 board with 20Z copper. 135°C/ W when mounted on Min. copper pad.
2. The date tested by pulse width≦300us, duty cycle≦2%.
3. The power dissipation is limited by 150°C juncti on temperature.
4. The data is theoretically the same as ID and IDM, in real applications, should be limited by total power dissipation.


Similar Part No. - SSG2601_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG2601 SECOS-SSG2601 Datasheet
733Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG2601_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4536C SECOS-SSG4536C_15 Datasheet
126Kb / 2P
   N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com