Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG303-86G Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # AG303-86G
Description  Lead-free/RoHS-compliant SOT- 86 package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AG303-86G Datasheet(HTML) 5 Page - TriQuint Semiconductor

  AG303-86G Datasheet HTML 1Page - TriQuint Semiconductor AG303-86G Datasheet HTML 2Page - TriQuint Semiconductor AG303-86G Datasheet HTML 3Page - TriQuint Semiconductor AG303-86G Datasheet HTML 4Page - TriQuint Semiconductor AG303-86G Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com Page 5 of 5 May 2009
AG303-86
InGaP HBT Gain Block
AG303-86G (Lead-free Sot-86 Package) Mechanical Information
This package is lead-free/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded
(maximum 245
°C reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper.
Outline Drawing
Land Pattern
Product Marking
The component will be marked with a “P”
designator followed by a two-digit numeric lot
code on the top surface of the package. The
obsolete tin-lead package is marked with an
“E” designator followed by a two-digit numeric
lot code.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1C
Value:
Passes
≥ 1000V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
≥ 1000V min.
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 3 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device.
Vias should use a .35mm
(#80 / .0135”) diameter drill and have a final plated thru
diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the
board to a heatsink. Ensure that the ground / thermal via
region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in
the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in
degrees.


Similar Part No. - AG303-86G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG303-86G WJCI-AG303-86G Datasheet
514Kb / 6P
   InGaP HBT Gain Block
AG303-86G WJCI-AG303-86G Datasheet
463Kb / 6P
   InGaP HBT Gain Block
More results

Similar Description - AG303-86G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AG302-86 TRIQUINT-AG302-86_15 Datasheet
250Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG203-86 TRIQUINT-AG203-86_15 Datasheet
249Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG503-86 TRIQUINT-AG503-86_15 Datasheet
208Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG403-86 TRIQUINT-AG403-86_15 Datasheet
210Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG604-86 TRIQUINT-AG604-86_15 Datasheet
201Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
AG604-89 TRIQUINT-AG604-89_15 Datasheet
220Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
logo
Qorvo, Inc
AG604-89 QORVO-AG604-89 Datasheet
220Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
AG302-63G QORVO-AG302-63G Datasheet
646Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
logo
TriQuint Semiconductor
AG302-63 TRIQUINT-AG302-63_15 Datasheet
504Kb / 5P
   Lead-free/green/RoHS-compliant SOT-363 package
AG403-89 TRIQUINT-AG403-89_15 Datasheet
218Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com