Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC107RPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC107RPEL
Description  Dual J-K Flip-Flops (with Clear)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC107RPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC107RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC107RPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC107
Rev.2.00, Oct 06, 2005 page 3 of 7
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
2 to 6
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
0 to 1000
VCC = 2.0 V
0 to 500
VCC = 4.5 V
Input rise / fall time
*1
tr, tf
0 to 400
ns
VCC = 6.0 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25
°C
Ta = –40 to+85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.13
IOH = –4 mA
VOH
6.0
5.68
5.63
V
Vin = VIH or VIL
IOH = –5.2 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.26
0.33
IOL = 4 mA
Output voltage
VOL
6.0
0.26
0.33
V
Vin = VIH or VIL
IOL = 5.2 mA
Input current
Iin
6.0
±0.1
±1.0
µA Vin = VCC or GND
Quiescent supply
current
ICC
6.0
2.0
20
µA Vin = VCC or GND, Iout = 0 µA
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
6
5
4.5
30
24
Maximum clock
frequency
fmax
6.0
35
28
ns
2.0
150
190
4.5
19
30
38
6.0
26
33
ns
Clock to Q or
Q
2.0
140
175
4.5
17
28
35
Propagation delay
time
tPLH, tPHL
6.0
24
30
ns
Clear to Q or
Q
2.0
80
100
4.5
16
7
20
Pulse width
tw
6.0
14
17
ns
Clock, Clear


Similar Part No. - HD74HC107RPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC107RPEL RENESAS-HD74HC107RPEL Datasheet
106Kb / 8P
   Dual J-K Flip-Flops (with Clear)
More results

Similar Description - HD74HC107RPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
   Dual J-K Flip-Flops (with Clear)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
   Dual J-K Flip-Flops (with Clear)
logo
National Semiconductor ...
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
   Dual J-K Flip-Flops with Clear
logo
Texas Instruments
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
   Dual J-K Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS73A RENESAS-HD74LS73A Datasheet
93Kb / 7P
   Dual J-K Flip-Flops (with Clear)
HD74HC73 RENESAS-HD74HC73 Datasheet
107Kb / 8P
   Dual J-K Flip-Flops (with Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com