Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC86TELL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HC86TELL
Description  Quad. 2-input Exclusive-OR Gates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC86TELL Datasheet(HTML) 8 Page - Renesas Technology Corp

  HD74HC86TELL Datasheet HTML 1Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 2Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 3Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 4Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 5Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 6Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 7Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 8Page - Renesas Technology Corp HD74HC86TELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HD74HC86
Rev.2.00, Oct 06, 2005 page 6 of 6
1.42
0.15
1.27
7.50
8.00
0.40
0.34
p
A 1
10.5
FP-14DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8
°
0
°
0.12
1.15
10.06
0.23g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
L
A
P-SOP14-5.5x10.06-1.27
PRSP0014DF-B
Index mark
1
*1
7
14
8
F
*3
p
M
x
y
D
Z
b
p
Terminal cross section
( Ni/Pd/Au plating )
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e
0.83
0.10
0.65
6.20
6.60
0.20
0.15
p
A 1
5.30
TTP-14DV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.10
0.6
0.5
0.4
4.40
0.10
0.07
0.03
0.25
0.20
0.15
0.10
6.40
8
°
0
°
0.13
1.0
5.00
0.05g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
e
L
A
P-TSSOP14-4.4x5-0.65
PTSP0014JA-B
Index mark
F
*1
*3
p
M
x
y
1
7
14
8
b
Z
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.


Similar Part No. - HD74HC86TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC86TELL RENESAS-HD74HC86TELL Datasheet
91Kb / 7P
   Quad. 2-input Exclusive-OR Gates
More results

Similar Description - HD74HC86TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC386 RENESAS-HD74HC386 Datasheet
83Kb / 7P
   Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86_15 Datasheet
174Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LV86A HITACHI-HD74LV86A Datasheet
54Kb / 12P
   Quad. 2-input Exclusive-OR Gates
logo
National Semiconductor ...
5486 NSC-5486 Datasheet
99Kb / 6P
   Quad 2-Input Exclusive-OR Gates
logo
Renesas Technology Corp
HD74HC86 RENESAS-HD74HC86 Datasheet
91Kb / 7P
   Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86 Datasheet
174Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LV86A RENESAS-HD74LV86A_15 Datasheet
94Kb / 11P
   Quad. 2-input Exclusive-OR Gates
HD74LV86A RENESAS-HD74LV86A Datasheet
70Kb / 9P
   Quad. 2-input Exclusive-OR Gates
logo
National Semiconductor ...
DM54LS86 NSC-DM54LS86 Datasheet
112Kb / 6P
   Quad 2-Input Exclusive-OR Gates
logo
Hitachi Semiconductor
HD74HC386 HITACHI-HD74HC386 Datasheet
39Kb / 7P
   Quad. 2-input Exclusive-OR Gates
HD74HC86 HITACHI-HD74HC86 Datasheet
45Kb / 8P
   Quad. 2-input Exclusive-OR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com