Electronic Components Datasheet Search |
|
AH1-1G Datasheet(PDF) 1 Page - TriQuint Semiconductor |
|
AH1-1G Datasheet(HTML) 1 Page - TriQuint Semiconductor |
1 / 5 page AH1-1 High Dynamic Range Amplifier Specifications and information are subject to change without notice TriQuint Semiconductor, Inc Phone +1-503-615-9000 FAX: +1-503-615-8900 e-mail: info-sales@tqs.com Web site: www.TriQuint.com Page 1 of 5 May 2012 Product Features 250 – 4000 MHz +41 dBm OIP3 3 dB Noise Figure 13.5 dB Gain +21 dBm P1dB Lead-free/Green/RoHS-compliant SOT-89 Package Single +5 V Supply MTTF > 100 years Applications Mobile Infrastructure CATV / DBS W-LAN / Wi-Bro / WiMAX RFID Defense / Homeland Security Fixed Wireless Product Description The AH1-1 is a high dynamic range amplifier in a low- cost surface-mount package. The combination of low noise figure and high output IP3 at the same bias point makes it ideal for receiver and transmitter applications. The AH1-1 is a specially screened version of the AH1 offering a very narrow gain spread from device to device. The device combines dependable performance with superb quality to maintain MTTF values exceeding 100 years at mounting temperatures of +85C. The AH1-1 is available in both the standard SOT-89 package and the environmentally-friendly lead-free/green/RoHS- compliant SOT-89 package. The broadband amplifier uses a high reliability GaAs MMIC technology and is targeted for applications where high linearity is required. It is well suited for various current and next generation wireless technologies such as GPRS, GSM, CDMA, and W-CDMA. In addition, the AH1-1 will work for other applications within the 250 to 4000 MHz frequency range such as fixed wireless. Functional Diagram RF IN GND RF OUT GND 1 2 3 4 Function Pin No. Input 1 Output / Bias 3 Ground 2, 4 Specifications (1) Parameter Units Min Typ Max Operational Bandwidth MHz 250 4000 Test Frequency MHz 800 Gain dB 12.9 13.3 13.8 Input Return Loss dB 8 Output Return Loss dB 15 Output P1dB dBm +21.7 Output IP3 (2) dBm +37 +41 Noise Figure (3) dB 3 Operating Current Range mA 120 150 180 Supply Voltage V 5 1. Test conditions unless otherwise noted: T = 25 ºC, 50 system. 2. OIP3 measured with two tones at an output power of +5 dBm/tone separated by 10 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule. 3. Noise figure can be optimized by matching the input for optimal return loss. 4. Parameters reflect performance in an AH1-PCB application circuit, as shown on page 3. 5. Measured with -45 dBc ACPR, IS-95 9 channels fwd. Absolute Maximum Rating Parameter Rating Operating Case Temperature -40 to +85 C Storage Temperature -55 to +150 C Supply Voltage +6 V RF Input Power (continuous) +10 dBm Junction Temperature +160 C Thermal Resistance, Rth 59 C / W Junction Temperature for >10 6 hours MTTF Operation of this device above any of these parameters may cause permanent damage. Typical Performance (4) Parameter Units Typical Frequency MHz 900 1900 2140 S21 dB 14.2 12.2 12.0 S11 dB -21 -14 -21 S22 dB -14 -13 -11 Output P1dB dBm +21.7 +22 +22 Output IP3 (2) dBm +42 +41 +40 IS-95 Channel Power (5) dB +15.5 +16.5 Noise Figure dB 3.2 3.3 3.3 Supply Voltage V 5 Device Current mA 150 Ordering Information Part No. Description AH1-1G High Dynamic Range Amplifier (lead-free/green/RoHS-compliant SOT-89 Pkg) Standard T/R size = 1000 pieces on a 7” reel. Not Recommended for New Designs Recommended Replacement Part: TQP3M9007 |
Similar Part No. - AH1-1G |
|
Similar Description - AH1-1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |