Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B112002R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B112002R
Description  2-Port Manual VGA/SVGA Video Switch (3x HD15F)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B112002R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B112002R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B112002R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-Port Manual VGA/SVGA Video Switch (3x HD15F)
MODEL NUMBER: B112-002-R
Description
Tripp Lite's 2-Port Manual VGA/SVGA Switch is the optimal solution for connecting two computers to one monitor or two monitors to one computer. The 2-Port
Manual VGA/SVGA Switch features a fully-shielded rugged metal case with front-panel push-button switching. Interior printed circuit board design allows for
crystal clear resolutions up to 1600x1280. It does not require any AC power to operate.
Features
Connects two computers to one monitor or two monitors to one computer
Fully-shielded rugged metal case with front-panel push button switch
Does not require external power, software, or complicated set-up procedures
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Switch
Model Type
VGA
CONNECTIONS
Connector A
HD15 (FEMALE)
Connector B
HD15 (FEMALE) (X2)
Number of Connectors
3
Highlights
2-port HD15 VGA/SVGA
Push-Button Switch
Rugged Metal Case
System Requirements
Computer with an HD15 port
VGA or SVGA monitor with
HD15M cable
Package Includes
B112-002-R Manual VGA/SVGA
2 Position Switch
1 / 2


Similar Part No. - B112002R

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
B1120B CTC-B1120B Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B112002R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B112-002-R TRIPPLITE-B112-002-R Datasheet
154Kb / 2P
   2-Port Manual VGA/SVGA Video Switch (3x HD15F)
logo
IOGEAR
GVS62 IOGEAR-GVS62 Datasheet
142Kb / 2P
   2-Port VGA Video Splitter
GVS72 IOGEAR-GVS72 Datasheet
129Kb / 2P
   2-Port VGA Video Splitter
logo
Tripp Lite. All Rights ...
B114002R TRIPPLITE-B114002R Datasheet
491Kb / 2P
   2-Port VGA-SVGA Video Splitter with Signal Booster, High Resolution Video, 350MHz, (HD15 M-2xF)
B114004R TRIPPLITE-B114004R Datasheet
481Kb / 2P
   4-Port VGA-SVGA Video Splitter with Signal Booster, High Resolution Video, 350MHz, (HD15 M-4xF)
logo
IOGEAR
GVS74 IOGEAR-GVS74 Datasheet
133Kb / 3P
   4-Port VGA Video Splitter
GVS78 IOGEAR-GVS78 Datasheet
136Kb / 2P
   8-Port VGA Video Splitter
logo
Level One
KVM-0223 LVL1-KVM-0223 Datasheet
588Kb / 3P
   2-Port Cable KVM Switch, VGA, USB, Audio
logo
Sony Corporation
CXB1454R SONY-CXB1454R Datasheet
308Kb / 17P
   VGA/SVGA/XGA 24bit Receiver
logo
Advantech Co., Ltd.
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
   12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com