Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGBC20MD2 Datasheet(PDF) 7 Page - International Rectifier

Part # IRGBC20MD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=8.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC20MD2 Datasheet(HTML) 7 Page - International Rectifier

  IRGBC20MD2 Datasheet HTML 1Page - International Rectifier IRGBC20MD2 Datasheet HTML 2Page - International Rectifier IRGBC20MD2 Datasheet HTML 3Page - International Rectifier IRGBC20MD2 Datasheet HTML 4Page - International Rectifier IRGBC20MD2 Datasheet HTML 5Page - International Rectifier IRGBC20MD2 Datasheet HTML 6Page - International Rectifier IRGBC20MD2 Datasheet HTML 7Page - International Rectifier IRGBC20MD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
C-355
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
0
100
200
300
400
500
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
100
1000
10000
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
0
20
40
60
80
100
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
1
10
100
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
IRGBC20MD2
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGBC20MD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20MD2 IRF-IRGBC20MD2 Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRGBC20MD2-S IRF-IRGBC20MD2-S Datasheet
420Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=8.0A)
More results

Similar Description - IRGBC20MD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC20MD2 IRF-IRGPC20MD2 Datasheet
418Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC20MD2-S IRF-IRGBC20MD2-S Datasheet
420Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC20M-S IRF-IRGBC20M-S Datasheet
247Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRGPC40FD2 IRF-IRGPC40FD2 Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=27A)
IRGBC20M IRF-IRGBC20M Datasheet
246Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGPC20M IRF-IRGPC20M Datasheet
243Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
IRGPC30FD2 IRF-IRGPC30FD2 Datasheet
422Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=17A)
IRGPC40MD2 IRF-IRGPC40MD2 Datasheet
85Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=24A)
IRGPC50UD2 IRF-IRGPC50UD2 Datasheet
441Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=27A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com