Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGBC20SD2 Datasheet(PDF) 9 Page - International Rectifier

Part # IRGBC20SD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC20SD2 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGBC20SD2 Datasheet HTML 2Page - International Rectifier IRGBC20SD2 Datasheet HTML 3Page - International Rectifier IRGBC20SD2 Datasheet HTML 4Page - International Rectifier IRGBC20SD2 Datasheet HTML 5Page - International Rectifier IRGBC20SD2 Datasheet HTML 6Page - International Rectifier IRGBC20SD2 Datasheet HTML 7Page - International Rectifier IRGBC20SD2 Datasheet HTML 8Page - International Rectifier IRGBC20SD2 Datasheet HTML 9Page - International Rectifier IRGBC20SD2 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRGBC20SD2
Vg
GAT E S IGN AL
DE VICE UNDE R T E S T
CURR EN T D .U .T .
VO L T A G E IN D.U.T .
CURR EN T IN D1
t0
t1
t2
D.U.T.
V *
c
50V
L
10 00V
60 00µ F
100 V
Figure 19. Clamped Inductive Load Test
Circuit
Figure 20. Pulsed Collector Current
Test Circuit
RL=
480V
4 X IC @25°C
0 - 480V
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGBC20SD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC20S IRF-IRGBC20S Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGBC20SD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC20KD2 IRF-IRGBC20KD2 Datasheet
430Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=6.0A)
IRGPC30UD2 IRF-IRGPC30UD2 Datasheet
419Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGBC30UD2 IRF-IRGBC30UD2 Datasheet
413Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=20A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRGPC40FD2 IRF-IRGPC40FD2 Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=27A)
IRGBC20MD2-S IRF-IRGBC20MD2-S Datasheet
420Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=8.0A)
IRGBC30MD2-S IRF-IRGBC30MD2-S Datasheet
425Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=16A)
IRGPC30FD2 IRF-IRGPC30FD2 Datasheet
422Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=17A)
IRGPC40MD2 IRF-IRGPC40MD2 Datasheet
85Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=24A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com