Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2353 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2353
Description  Designing an application with the ST10F27x devices
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2353 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2353 Datasheet HTML 1Page - STMicroelectronics AN2353 Datasheet HTML 2Page - STMicroelectronics AN2353 Datasheet HTML 3Page - STMicroelectronics AN2353 Datasheet HTML 4Page - STMicroelectronics AN2353 Datasheet HTML 5Page - STMicroelectronics AN2353 Datasheet HTML 6Page - STMicroelectronics AN2353 Datasheet HTML 7Page - STMicroelectronics AN2353 Datasheet HTML 8Page - STMicroelectronics AN2353 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN2353
Oscillator
5/18
The load capacitors C1 and C2 transform the gain of the amplifier (gm) into a negative series
resistance RL to compensate for the losses of the crystal.
The best frequency stability is obtained when C1 = C2. The oscillation occurs when the sum
of RL and Rs (the series resistance of the crystal) is negative.
By choosing C1 = C2 = C, the minimal gain of the amplifier (gm) is expressed as follows:
The minimal gain of the amplifier also implicitly sets the on-chip oscillator start-up time.
The oscillation stability mainly depends on external parameters so only the
transconductance (gm) can be guaranteed and the start-up time value is defined by
measurement at the application level.
1.2
Start-up time
Ceramic resonators have a much shorter start-up time than crystals (about 100 times faster)
but have a lower accuracy on the frequency (initial tolerance, temperature variations and
drift).
Depending on applications requirements and possibilities, users can choose between short
oscillator start-up time and frequency accuracy.
From an ST10 perspective, the worst case condition / environment for the oscillator start-up
time is high temperature and low voltage.
Table 1.
gm values for different types of oscillators
Symbol
Parameter
Version
Conditions
Value
Unit
Min
Typ
Max
gm
Oscillator transconductance
Wide-swing
8
17
35
mA/V
Low-power
0.7
2.5
6
32 kHz
Start-up
20
31
50
µ
A/V
Normal run
8
17
30
gm
min
Rs
C
2
×ω
2
×
Rs
C
2
×
2
π
×
f
×
()
2
×
==


Similar Part No. - AN2353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN235 STMICROELECTRONICS-AN235 Datasheet
1Mb / 23P
   Stepper motor driving
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
STMicroelectronics
AN2350 STMICROELECTRONICS-AN2350 Datasheet
901Kb / 41P
   Guidelines for the control of a multiaxial planar robot with ST10F276
logo
Infineon Technologies A...
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
   Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
More results

Similar Description - AN2353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2595 STMICROELECTRONICS-AN2595 Datasheet
240Kb / 20P
   Designing an application with the ST10F27xZx devices
AN3355 STMICROELECTRONICS-AN3355 Datasheet
103Kb / 11P
   Designing an application board compatible with either
AN4430 STMICROELECTRONICS-AN4430 Datasheet
871Kb / 42P
   Designing an NFC Android Application for M24SR and M24LR devices
AN2972 STMICROELECTRONICS-AN2972 Datasheet
1Mb / 25P
   Designing an antenna for the M24LRxx-R
logo
ALPS ELECTRIC CO.,LTD.
SSSS2 ALPS-SSSS2_15 Datasheet
1Mb / 7P
   Excellent application for designing compact and high density portable devices
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
STMicroelectronics
AN2143 STMICROELECTRONICS-AN2143 Datasheet
377Kb / 8P
   Programming the ST10F27X embedded Flash
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
   Porting an application from the ST10F269Zx to the ST10F273Z4
AN2169 STMICROELECTRONICS-AN2169 Datasheet
213Kb / 33P
   Porting an application from the ST10F168 to the ST10F276
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com