Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2542 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2542
Description  This board is designed for the evaluation of the BT-STA2416C2 receiver module in an A2DP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2542 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2542 Datasheet HTML 6Page - STMicroelectronics AN2542 Datasheet HTML 7Page - STMicroelectronics AN2542 Datasheet HTML 8Page - STMicroelectronics AN2542 Datasheet HTML 9Page - STMicroelectronics AN2542 Datasheet HTML 10Page - STMicroelectronics AN2542 Datasheet HTML 11Page - STMicroelectronics AN2542 Datasheet HTML 12Page - STMicroelectronics AN2542 Datasheet HTML 13Page - STMicroelectronics AN2542 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
How to use the board
AN2542
10/16
4
How to use the board
The board is simple to set up and use. Just connect the power supply to the supply wires
ensuring that the red wire is 3.3 V and the black is 0 V (ground).
Connect a suitable amplifier with speakers or headphones, if desired, to the line output.
The board can communicate to any of the tested A2DP BT sources given in Section 5:
Interoperability on page 12.
Turn on the transmitter and source equipment and the BT-HTS_RX board. When the power
to the board is turned on the blue LED (D1) turns on for a short time indicating the
initialization of the board. After the LED extinguishes the board is ready to operate.
Now follow this procedure.
1.
Allow some time for the source device to discover the Bluetooth® technology device(s)
in its neighborhood.
2.
Find this demo board in the list of the discovered devices: the demo board appears with
its name (HTS_RX) and/or its address (00:80:E1:00:01:00).
3.
Select it and choose the “pair” option.
4.
Enter the code “0000” to pair the source and the receiver. D1 again turns on with a
successful connection.
5.
Refresh available services.
6.
Choose the only service within the list (the board only exposes the A2DP service).
7.
Start streaming audio.
The two figures below are screen prints from the PC taken whilst following the above steps.
The PC was running BlueSoleil1.4.8.1 software by IVT Corporation for setting up and
controlling the devices.
Figure 8 refers to points 2, 3 and 4 above. Here you can see all of the discovered devices.
On selecting the HTS_RX demo board, its BD address appears on the left bottom of the
main window. The smaller pop-up window asks for the pairing code related to the board.
Pairing is accomplished as soon as the code “0000” is confirmed, then the refreshing of the
available services highlights the AV service. The BT-HTS-RX audio receiver board indicates
a successful connection by turning on the blue LED after pairing.
Figure 9 shows the window during audio streaming that begins once that service is
launched.
In this kind of test extra software for playing the audio is required (for example, Windows
Media® player by Microsoft Corporation) since BlueSoleilsoftware does not do it.
Of course, actual needs are related to the source used for the BT connection. For instance,
the portable MP3 players and mobile phones that are compliant to this standard already
incorporate all of the necessary items. Refer to the specific source product for further
information.


Similar Part No. - AN2542

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2540 STMICROELECTRONICS-AN2540 Datasheet
238Kb / 25P
   EEPROM emulation in STR91xFxx devices
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
   Designing a low cost power supply using
logo
Panasonic Semiconductor
AN2546FH-A PANASONIC-AN2546FH-A Datasheet
431Kb / 29P
   Automotive LCD TV signal processor IC
logo
STMicroelectronics
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
More results

Similar Description - AN2542

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62100-9820 MOLEX-62100-9820 Datasheet
541Kb / 4P
   This tool is designed for the removal of an IMPEL횚 Daughtercard signal module
08-30-13
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
   Evaluation Board is designed to aid in the characterization of National
LMH2110 NSC-LMH2110_1 Datasheet
1Mb / 6P
   evaluation board is designed to help the evaluation
logo
STMicroelectronics
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
   The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
   The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
   The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
   The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
logo
List of Unclassifed Man...
RN-XV-EK-DS ETC2-RN-XV-EK-DS Datasheet
401Kb / 6P
   The RN-XV-EK is an evaluation platform for the RN-XV module.
logo
PHOENIX CONTACT
2701224 PHOENIX-2701224 Datasheet
189Kb / 6P
   The module is designed for use within an Axioline F station.
2700608 PHOENIX-2700608 Datasheet
124Kb / 6P
   The module is designed for use within an Axioline F station.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com