Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYL-5019URUGW1C-CC Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5019URUGW1C-CC
Description  White diffused led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5019URUGW1C-CC Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5019URUGW1C-CC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5019URUGW1C-CC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5019URUGW1C-CC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5019URUGW1C-CC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5019URUGW1C-CC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model. No.
FYL-5019URUGW1C-CC
Rev.
A
Http://www.foryard.com
FORYARD
O
P
T
O
E
L
E
C
T
R
O
N
I
C
S
LED
LED
LED
LED
PN:FYL-xxxxxxxx-xx
Qty:XXXXX
PCS
Date:xxxx/xx/xx
GW:
xx
KG
NW:
xx
KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
QC:
QC
PASS
1
1
.
5
30
Part
NO:
FYL-XXXXXX
xxxx/xx/xx
Quantity:
XXXPCS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
VF:
XXX-XXX
WD:XXX-XXX
IV:XXXX-XXXX
FORYARD
O
P
T
O
E
L
E
C
T
R
O
N
I
C
S
www.foryard.com
39.0
RoHS
RoHS
RoHS
RoHS
OUTSIDE
LABEL
OUTSIDE
LABEL
LAMP PACKING.
5mm 500PCS/Polybag
5000PCS/ Box
30000PCS/ Carton


Similar Part No. - FYL-5019URUGW1C-CC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5019URUBC1C-CA FORYARD-FYL-5019URUBC1C-CA Datasheet
275Kb / 5P
   Water clear led
FYL-5019URUBW1B FORYARD-FYL-5019URUBW1B Datasheet
158Kb / 4P
   LED LAMP
More results

Similar Description - FYL-5019URUGW1C-CC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5016EGW1C FORYARD-FYL-5016EGW1C_15 Datasheet
275Kb / 5P
   White diffused led
FYL-55A3UBW1A FORYARD-FYL-55A3UBW1A Datasheet
275Kb / 5P
   White diffused led
FYL-5463LURW1C FORYARD-FYL-5463LURW1C Datasheet
267Kb / 5P
   White diffused led
FYL-25A9URPGW1B-CA FORYARD-FYL-25A9URPGW1B-CA Datasheet
273Kb / 5P
   White diffused led
FYL-55A3SURW1A FORYARD-FYL-55A3SURW1A Datasheet
268Kb / 5P
   White diffused led
FYL-55A3SUYW1A FORYARD-FYL-55A3SUYW1A Datasheet
268Kb / 5P
   White diffused led
FYL-4354UWW1A-S2 FORYARD-FYL-4354UWW1A-S2 Datasheet
276Kb / 5P
   White diffused led
FYL-5019EGW1B-CC FORYARD-FYL-5019EGW1B-CC Datasheet
277Kb / 5P
   White diffused led
logo
LUMEX INC.
SSP-01TWB9W12 LUMEX-SSP-01TWB9W12 Datasheet
160Kb / 1P
   LED MINIATURE WEDGE BASE, WHITE, MILKY WHITE DIFFUSED
SSI-LX3054IGW-150 LUMEX-SSI-LX3054IGW-150 Datasheet
84Kb / 1P
   T-3mm LED, RED/GREEN LED, MILKY WHITE DIFFUSED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com