Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH103A-PCB900 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AH103A-PCB900
Description  High Gain, High Linearity Watt Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH103A-PCB900 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  AH103A-PCB900 Datasheet HTML 1Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 2Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 3Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 4Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 5Page - TriQuint Semiconductor AH103A-PCB900 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 6 of 6 December 2007
AH103A
High Gain, High Linearity ½-Watt Amplifier
AH103A-G (Lead-Free Package) Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free
(maximum 260°C reflow temperature) and lead (maximum 245°C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Product Marking
The component will be marked with an
“103AG” designator followed by a alpha-
numeric lot code on the top surface of the
package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating:
Class 1B
Value:
Passes
500 V to <1000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating:
Class III
Value:
Passes
500 V to <1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating:
Level 2 at +260 °C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin
Function
1
Amp2 input
2
Amp1 output / Bias Amp1
3, 5, 8
Ground
4
RF input (Amp1 input)
6
RF output (Amp2 output)
7
Bias Amp2
The backside paddle is the Source and should be
grounded for thermal and electrical purposes. All
other pins should be grounded on the PCB.
Mounting Config. Notes
1.
Ground / thermal vias are critical for the proper performance
of this device.
Vias should use a .35mm (#80 / .0135”)
diameter drill and have a final plated thru diameter of .25
mm (.010”).
2.
Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
3.
To ensure reliable operation, device ground paddle-to-
ground pad solder joint is critical.
4.
Add mounting screws near the part to fasten the board to a
heatsink.
Ensure that the ground / thermal via region
contacts the heatsink.
5.
For optimal thermal performance, expose soldermask on
backside where it contacts the heatsink.
6.
RF trace width depends upon the PC board material and
construction.
7.
Use 1 oz. Copper minimum.
8.
All dimensions are in millimeters. Angles are in degrees.
9.
A heatsink underneath the area of the PCB for the mounted
device is strictly required for proper thermal operation.
Damage to the device can occur without the use of one.


Similar Part No. - AH103A-PCB900

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH103A-PCB900 WJCI-AH103A-PCB900 Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
More results

Similar Description - AH103A-PCB900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH103A WJCI-AH103A Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
logo
List of Unclassifed Man...
AH1031 ETC-AH1031 Datasheet
202Kb / 6P
   High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH212 WJCI-AH212 Datasheet
656Kb / 12P
   1 Watt High Linearity, High Gain InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH212 ETC1-AH212 Datasheet
370Kb / 5P
   1 Watt High Linearity, High Gain InGaP HBT Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790 Datasheet
1Mb / 30P
   High Linearity High Gain 1/2 Watt RF Driver Amplifier
Revision 2.0, 2014-08-26
logo
Qorvo, Inc
QPA9120 QORVO-QPA9120 Datasheet
1Mb / 12P
   High Gain High Linearity Driver Amplifier
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com