Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH118-89G Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # AH118-89G
Description  Watt, High Linearity InGaP HBT Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH118-89G Datasheet(HTML) 3 Page - TriQuint Semiconductor

  AH118-89G Datasheet HTML 1Page - TriQuint Semiconductor AH118-89G Datasheet HTML 2Page - TriQuint Semiconductor AH118-89G Datasheet HTML 3Page - TriQuint Semiconductor AH118-89G Datasheet HTML 4Page - TriQuint Semiconductor AH118-89G Datasheet HTML 5Page - TriQuint Semiconductor AH118-89G Datasheet HTML 6Page - TriQuint Semiconductor AH118-89G Datasheet HTML 7Page - TriQuint Semiconductor AH118-89G Datasheet HTML 8Page - TriQuint Semiconductor AH118-89G Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AH118
¼ Watt, High Linearity InGaP HBT Amplifier
Data Sheet: Rev B 02/14/12
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Device Characterization Data
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain / MaximumStable Gain
-10
-5
0
5
10
15
20
25
30
35
40
DB(|S[2,1]|)
DB(GMax)
10.0
5.0
3.0
4.0
-0.2
-0.4
S11
Swp Max
6GHz
Swp Min
0.01GHz
10.0
5.0
3.0
4.0
-0.2
-0.4
S22
Swp Max
6GHz
Swp Min
0.01GHz
Note:
1. S-Parameters (VDevice = +5 V, ICC = 160 mA, 25 °C, unmatched 50 ohm system).
2. The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a
particular frequency, it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable
gain is shown in the dashed red line.
3. The impedance plots are shown from 0.5 – 6 GHz, with markers placed at 0.5 – 6.0 GHz in 0.5 GHz increments.
S-Parameter Data
Vcc = +5 V, Icq = 160 mA, T = 25 °C, unmatched 50 Ohm system, calibrated to device leads
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (angle)
S22 (dB)
S22 (ang)
50
-2.69
-173.38
21.74
153.70
-31.02
11.24
-7.02
-148.17
100
-2.16
-177.19
19.63
150.82
-30.31
7.90
-5.57
-162.45
200
-1.91
178.30
18.22
148.19
-29.87
5.01
-5.06
-173.51
400
-1.77
172.47
17.13
135.41
-29.83
4.07
-4.77
177.87
600
-1.60
166.83
15.99
121.91
-29.49
2.79
-4.60
171.65
800
-1.45
161.09
14.97
109.02
-29.18
2.11
-4.44
166.08
1000
-1.40
155.39
13.84
97.28
-28.70
1.64
-4.26
160.40
1200
-1.25
149.59
12.76
86.83
-28.63
-0.09
-4.14
155.01
1400
-1.20
143.79
11.71
76.95
-28.30
-1.34
-3.97
149.63
1600
-1.17
137.57
10.63
68.15
-27.94
-4.47
-4.00
144.03
1800
-1.13
132.05
9.75
59.55
-27.63
-7.00
-3.86
139.02
2000
-1.11
126.72
8.88
52.22
-27.51
-8.43
-3.84
134.24
2200
-1.05
121.50
8.00
45.09
-27.06
-11.00
-3.62
129.30
2400
-0.99
115.58
7.31
37.40
-27.02
-14.19
-3.55
124.42
2600
-0.93
110.41
6.52
30.66
-26.78
-18.24
-3.46
119.42
2800
-0.95
105.30
5.73
23.51
-26.66
-20.10
-3.34
114.26
3000
-0.92
100.11
5.05
17.07
-26.61
-23.28
-3.30
109.29
Device S-parameters are available for download off of the website at: http://www.triquint.com


Similar Part No. - AH118-89G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH118-89G WJCI-AH118-89G Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
273Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH118-89G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
   0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com