Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH125-89G Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # AH125-89G
Description  W High Linearity InGaP HBT Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH125-89G Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button AH125-89G_15 Datasheet HTML 6Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 7Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 8Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 9Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 10Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 11Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 12Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 13Page - TriQuint Semiconductor AH125-89G_15 Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AH125
½
W High Linearity InGaP HBT Amplifier
Datasheet: Rev B 05-02-13
- 11 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Performance Plots 2500-2700 MHz
Test conditions unless otherwise noted: VSUPPLY=+5 V, ICQ=150 mA (typ.), Temp= +25°C, tuned application circuit
10
11
12
13
14
15
2.40
2.50
2.60
2.70
2.80
Frequency (GHz)
Gain vs. Frequency
-20
-15
-10
-5
0
2.40
2.50
2.60
2.70
2.80
Frequency (GHz)
Return Loss vs. Frequency
S11
S22
0
1
2
3
4
5
12
14
16
18
20
22
Output Power (dBm)
EVM vs. Output Power
2.5 GHz
2.6 GHz
2.7 GHz
802.16-2004 O-FDMA, 64QAM-1/2
1024-FFT, 20 symbols and 30 subchannels
5 MHz Carrier BW
0
1
2
3
4
5
12
14
16
18
20
22
Output Power (dBm)
EVM vs. Output Power
2.5 GHz
2.6 GHz
2.7 GHz
802.16-2004 O-FDMA, 64QAM-1/2
1024-FFT, 20 symbols and 30 subchannels
5 MHz Carrier BW
30
35
40
45
50
55
10
12
14
16
18
20
22
Output Power/Tone (dBm)
OIP3 vs. Output Power/Tone
2.5 GHz
2.6 GHz
2.7 GHz
TLEAD=+25°C
TLEAD=+25°C
TLEAD=+25°C
TLEAD=+25°C
TLEAD=+25°C
1 MHz tone spacing


Similar Part No. - AH125-89G_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AH125 NXP-AH125 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - AH125-89G_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH114 TRIQUINT-AH114 Datasheet
496Kb / 5P
   W High Linearity InGaP HBT Amplifier
AH128-89G TRIQUINT-AH128-89G Datasheet
791Kb / 17P
   쩌 W High Linearity InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
   High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
   High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
   High Linearity InGaP HBT Amplifier
PH465 SJM-PH465 Datasheet
828Kb / 8P
   High Linearity InGaP HBT Amplifier
PH530-S8 SJM-PH530-S8 Datasheet
1Mb / 7P
   High Linearity InGaP HBT Amplifier
PH230 SJM-PH230 Datasheet
403Kb / 5P
   High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z_12 Datasheet
452Kb / 8P
   HIGH LINEARITY InGaP HBT AMPLIFIER
logo
SJM Prewell. All Rights...
PH435 SJM-PH435 Datasheet
585Kb / 6P
   High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com