Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH202-F Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # AH202-F
Description  1W High Linearity Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH202-F Datasheet(HTML) 2 Page - TriQuint Semiconductor

  AH202-F Datasheet HTML 1Page - TriQuint Semiconductor AH202-F Datasheet HTML 2Page - TriQuint Semiconductor AH202-F Datasheet HTML 3Page - TriQuint Semiconductor AH202-F Datasheet HTML 4Page - TriQuint Semiconductor AH202-F Datasheet HTML 5Page - TriQuint Semiconductor AH202-F Datasheet HTML 6Page - TriQuint Semiconductor AH202-F Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
Phone +1-503-615-9000
FAX: +1-503-615-8900
e-mail: info-sales@tqs.com
Web site: www.TriQuint.com
Page 2 of 7 August 2009
AH202
1W High Linearity Amplifier
Typical Device Data
S-parameters (VDS = +11V, IDS = 330mA, unmatched device in a 50 Ω system).
Measurements are shown for an unmatched packaged device with the data being de-embedded to the device leads.
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain
10
11
12
13
14
15
16
17
18
19
20
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Return Losses
-30
-25
-20
-15
-10
-5
0
S11
S22
S-Parameters (VDS = +11.0V, IDS = 330mA, T = +25 C, unmatched device in a 50
system)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-17.78
-137.86
18.26
169.32
-21.43
1.41
-15.33
-170.64
100
-18.60
-153.83
18.06
166.20
-21.34
-4.54
-15.51
177.37
200
-17.34
-150.80
18.03
156.86
-21.46
-12.16
-16.27
161.24
400
-14.70
-149.17
17.87
135.75
-21.84
-25.03
-18.57
135.96
600
-11.92
-159.61
17.43
115.76
-22.34
-37.49
-21.38
93.89
800
-10.29
-171.08
16.93
96.20
-22.96
-48.84
-26.07
25.81
1000
-9.20
174.71
16.36
77.49
-23.72
-61.29
-21.37
-47.34
1200
-8.23
160.52
15.90
58.22
-24.54
-73.36
-16.16
-78.06
1400
-7.74
145.06
15.43
40.52
-25.32
-85.56
-12.76
-98.55
1600
-7.43
127.89
15.04
23.04
-26.07
-99.09
-10.27
-114.42
1800
-7.73
108.79
14.82
4.23
-26.69
-115.15
-8.39
-129.46
2000
-8.76
84.28
14.72
-15.48
-26.94
-132.95
-7.17
-144.14
2200
-10.40
43.69
14.59
-38.77
-26.60
-155.57
-6.37
-158.61
2400
-10.57
-24.74
14.42
-65.43
-25.80
176.52
-6.14
-172.06
2600
-6.72
-90.87
13.29
-97.06
-25.02
143.13
-6.69
176.96
2800
-3.60
-136.82
10.89
-128.44
-24.82
111.82
-7.11
173.14
3000
-1.91
-167.99
7.61
-154.46
-25.13
87.68
-6.73
174.58
Application Circuit PC Board Layout
Circuit Board Material: .014” Getek (
r=4.2), four layer, 1 oz copper. Microstrip line details: width = .029”, spacing = .036”, total thickness = .062”


Similar Part No. - AH202-F

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH202-F WJCI-AH202-F Datasheet
422Kb / 9P
   1W High Linearity Amplifier
AH202-F WJCI-AH202-F Datasheet
332Kb / 9P
   1W High Linearity Amplifier
More results

Similar Description - AH202-F

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105_15 Datasheet
569Kb / 9P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
   1W High Linearity Amplifier
AH202 WJCI-AH202 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com