Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH314-PCB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # AH314-PCB
Description  2.3-2.9 GHz 2W 5V Linear Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH314-PCB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  AH314-PCB Datasheet HTML 1Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 2Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 3Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 4Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 5Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 6Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 7Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 8Page - TriQuint Semiconductor AH314-PCB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH314
2.3-2.9 GHz 2W 5V Linear Driver Amplifier
Device Characterization Data
VCC = +5 V, ICQ = 600 mA, T = 25 °C, unmatched 50 ohm system, calibrated to device leads
Data Sheet: Rev A 08/27/10
- 3 of 9 -
Disclaimer: Subject to change without notice
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
0
5
10
15
20
25
30
0123456
Frequency (GHz)
Gain vs. Frequency
-1
0.6
Notes:
The gain for the unmatched device in 50ohm system is shown as the trace in blue color. The impedance plots are shown from 0.5 – 4 GHz
with markers placed at 0.05 GHz and 4 GHz.
S-Parameter Data
VCC = +5 V, ICQ = 600 mA, T = 25 °C, unmatched 50 ohm system, calibrated to device leads
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (angle)
S22 (dB)
S22 (ang)
2200
-6.45
-120.54
23.31
-145.39
-48.04
60.39
-2.33
157.17
2250
-6.78
-130.36
23.13
-158.46
-47.97
52.65
-2.65
156.54
2300
-7.13
-138.36
22.99
-170.95
-48.01
45.37
-2.98
156.14
2350
-7.45
-144.94
22.95
177.21
-48.10
38.67
-3.31
155.90
2400
-7.81
-150.37
22.95
165.61
-48.27
31.91
-3.65
155.85
2450
-8.23
-154.71
23.00
154.08
-48.56
24.85
-4.01
155.98
2500
-8.68
-158.06
23.09
142.57
-48.96
17.33
-4.39
156.31
2550
-9.18
-160.55
23.28
131.04
-49.41
8.81
-4.78
156.65
2600
-9.69
-161.94
23.51
119.35
-49.99
-0.931
-5.19
157.10
2650
-10.16
-162.13
23.78
107.23
-50.72
-12.17
-5.65
157.78
2700
-10.53
-161.30
24.11
94.68
-51.59
-26.06
-6.17
158.54
2750
-10.73
-159.84
24.53
81.54
-52.51
-43.81
-6.8
159.55
2800
-10.68
-158.59
25.03
67.41
-53.25
-67.29
-7.77
161.17
2850
-10.36
-158.56
25.69
52.45
-53.15
-96.50
-9.09
164.03
2900
-9.90
-161.62
26.43
35.26
-51.90
-128.68
-11.10
172.59
2950
-9.64
-169.83
27.14
14.38
-49.90
-160.49
-12.82
-160.65
3000
-10.22
175.73
27.49
-10.77
-48.05
168.76
-9.75
-129.23
-0.8
0.4
-0.6
2
-0.4
0.2
-0.
0.25
0
0.8
1
-1 -0.75-0.5-
0 0.25 0.5 0.75 1
Input Smith Chart
0.05 GHz
4 GHz
Output Smith Chart
0.05 GHz
4 GHz


Similar Part No. - AH314-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314-PCB TRIQUINT-AH314-PCB Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
More results

Similar Description - AH314-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
logo
SIRENZA MICRODEVICES
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
   2.3 GHz to 4.0 GHz RF Driver Amplifier
Rev. PrB
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
   2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
TriQuint Semiconductor
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
Qorvo, Inc
TGA2598 QORVO-TGA2598 Datasheet
457Kb / 13P
   6 ??12 GHz 2W GaN Driver Amplifier
December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com