Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3105-535 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3105-535
Description  535 KHz Lowpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3105-535 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3105-535 Datasheet HTML 1Page - KR Electronics, Inc. 3105-535 Datasheet HTML 2Page - KR Electronics, Inc. 3105-535 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2014, KR Electronics, Inc.
3105-535, Rev 0, May 24, 2014
Passband Amplitude
(1 dB/div )
KR Electronics, Inc.
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(12 dB/div)


Similar Part No. - 3105-535

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
3105 ATM-3105 Datasheet
98Kb / 1P
   OUTLINE, FXD ATTEN. SMA, DC-23.0 GHz
logo
List of Unclassifed Man...
3105 ETC2-3105 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3105 HEYCO-3105 Datasheet
120Kb / 1P
   Thick Panel Snap Bushings
logo
List of Unclassifed Man...
31051 ETC1-31051 Datasheet
48Kb / 1P
   4700
logo
Meder Electronic
3105171210 MEDER-3105171210 Datasheet
93Kb / 2P
   Reed Relay
More results

Similar Description - 3105-535

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2827 KR-2827 Datasheet
60Kb / 2P
   350 KHz lowpass filter
2275-2-BNC KR-2275-2-BNC Datasheet
157Kb / 3P
   200 KHz Lowpass Filter
2275-5-BNC KR-2275-5-BNC Datasheet
155Kb / 3P
   500 KHz Lowpass Filter
3201-20-BNC KR-3201-20-BNC Datasheet
58Kb / 3P
   20 KHz Lowpass Filter
3201-20-SMA KR-3201-20-SMA Datasheet
56Kb / 3P
   20 KHz Lowpass Filter
3282-SMA KR-3282-SMA Datasheet
56Kb / 3P
   45 KHz Lowpass Filter
2826 KR-2826 Datasheet
541Kb / 2P
   45 KHz lowpass filter
2928-SMA KR-2928-SMA Datasheet
100Kb / 3P
   100 KHz Lowpass Filter
2275-15 KR-2275-15 Datasheet
51Kb / 3P
   150 KHz Lowpass
2827-130 KR-2827-130 Datasheet
50Kb / 3P
   130 KHz Lowpass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com