Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3117 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3117
Description  350 KHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3117 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3117 Datasheet HTML 1Page - KR Electronics, Inc. 3117 Datasheet HTML 2Page - KR Electronics, Inc. 3117 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2013, KR Electronics, Inc.
3117, Rev 0, September 20, 2013
KR Electronics 3117
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Parameter
Specification
Notes
Filter type
Bandpass
Insertion Loss
1 dBa max
0.2 dBa typical
Rejection at 25 KHz
60 dBc min
70 dBc typical
Rejection at 50 KHz
3 dBc max
0.8 dBc typical
Rejection at 650 KHz
3 dBc max
0.3 dBc typical
Rejection at 1300 KHz
60 dBc min
80 dBc typical
Source and Load
50
Center Frequency
350 KHz
Notes:
1. Dimensions in inches
2. Rectangular case
3. Input/Output BNC(f) Connectors, filter can be used in either direction


Similar Part No. - 3117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3117 ETC2-3117 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3117 ETC2-3117 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
3117 ETC2-3117 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3117 HEYCO-3117 Datasheet
120Kb / 1P
   Thick Panel Snap Bushings
logo
Molex Electronics Ltd.
3117-0060 MOLEX4-3117-0060 Datasheet
417Kb / 4P
   2.54mm (.100") H-DAC 64?? 6 Way Male Housing Assembly, Single-Row, PolarizationA, with Xmas Tree Attachment
More results

Similar Description - 3117

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2827 KR-2827 Datasheet
60Kb / 2P
   350 KHz lowpass filter
3288-SMA KR-3288-SMA Datasheet
98Kb / 3P
   350 MHz Bandpass Filter
logo
TriQuint Semiconductor
855398 TRIQUINT-855398 Datasheet
41Kb / 1P
   350 MHZ Bandpass Filter
logo
KR Electronics, Inc.
3259-350 KR-3259-350 Datasheet
71Kb / 3P
   350 MHz Bandpass Filter
3093 KR-3093 Datasheet
105Kb / 3P
   350 MHz Bandpass Filter
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
   770 KHz Bandpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
   100 KHz Bandpass Filter
2436-90-SMA KR-2436-90-SMA Datasheet
183Kb / 3P
   90 KHz Bandpass Filter
2851 KR-2851 Datasheet
50Kb / 2P
   500 KHz bandpass filter
2869 KR-2869 Datasheet
97Kb / 2P
   20 KHz bandpass filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com