Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP561-F Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz 8W HBT Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 2 Page - TriQuint Semiconductor

  AP561-F Datasheet HTML 1Page - TriQuint Semiconductor AP561-F Datasheet HTML 2Page - TriQuint Semiconductor AP561-F Datasheet HTML 3Page - TriQuint Semiconductor AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP561-F
0.7-2.9 GHz 8W HBT Power Amplifier
Datasheet: Rev B 09-17-13
-
2 of 17 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ Max Units
Supply Voltage (VCC)
12.0
V
TCASE
−40
+85
°C
Tj for >10
6 hours MTTF
158
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended
operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to 150°C
RF Input Power, CW, 50Ω, T=25°C
+33 dBm
Supply Voltage (VCC)
+15 V
BVcbo
+35 V
Power Dissipation
14 W
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VCC =+12V, VPD =+5V, Temp= +25°C, using AP561-PCB2600 application circuit
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
700
2900
MHz
Test Frequency
2600
MHz
Output Channel Power
+30
dBm
Gain
13.0
dB
Input Return Loss
14.5
dB
Output Return Loss
6.5
dB
Error Vector Magnitude
See note 1.
1.7
%
Collector Efficiency
16.2
%
RF Switching Speed
See note 2.
50
ns
Output P1dB
+39
dBm
Operating Current, ICC
510
mA
Quiescent Current, ICQ
300
mA
Reference Current, IREF
10
mA
Thermal Resistance, θjc
Module (junction to case)
6.0
°C/W
Notes:
1. Using an 802.16-2004 OFDMA, 64QAM-1/2, 1024-FFT, 20 symbols, 30 subchannels signal, 9.5 dB PAR @ 0.01%.
2. Switching speed: 50% TTL to 100/0% RF. Vpd used for device power down (low=RF off).


Similar Part No. - AP561-F

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561-F TRIQUINT-AP561-F Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
More results

Similar Description - AP561-F

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2721-QJ MIMIX-CHV2721-QJ Datasheet
404Kb / 6P
   3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
   DCS-band 8W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com