Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP561-PCB900 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # AP561-PCB900
Description  0.7-2.9 GHz 8W HBT Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-PCB900 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  AP561-PCB900 Datasheet HTML 1Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 2Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 3Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 4Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 5Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 6Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 7Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 8Page - TriQuint Semiconductor AP561-PCB900 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP561-F
0.7-2.9 GHz 8W HBT Power Amplifier
Datasheet: Rev B 09-17-13
-
5 of 17 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Typical Performance – AP561-PCB900
Test conditions unless otherwise noted: VCC = +12 V, VPD = +5 V, ICQ = 300 mA (typ.), Temp=+25°C
Parameter
Typical Values
Units
Frequency
869
880
894
MHz
Gain
15.4
15.2
15.0
dB
Input Return Loss
18
15
13
dB
Output Return Loss
9
10
11
dB
ACLR @ 29dBm Output Power
[2]
-52
-52
-52
dBc
IMD3 @ 29dBm Output Power
[1]
-46
-46.5
-47
dBc
Operating Current, ICC @ 29dBm Output Power
[2]
470
465
460
mA
Collector Efficiency @ 29dBm Output Power
[2]
14
14.5
14.7
%
Output P1dB
39.2
39.1
38.9
dBm
Notes:
1. IMD3 is measured with 1 MHz tone spacing.
2. ACLR test set-up: 3GPP WCDMA, TM1+64DPCH, +5MHz Offset, PAR = 10.2 dB @ 0.01% Probability.
Performance Plots – AP561-PCB900
Test conditions unless otherwise noted: VCC = +12 V, VPD = +5 V, ICQ = 300 mA (typ.), Temp=+25°C
   
13
14
15
16
17
0.86
0.87
0.88
0.89
0.90
Frequency (GHz)
Gain vs. Frequency
Temp : +25 C
Vpd = 5V
   
-20
-15
-10
-5
0
0.86
0.87
0.88
0.89
0.90
Frequency (GHz)
Return Loss vs. Frequency
S22
S11
Temp : +25 C
Vpd = 5V
-60
-55
-50
-45
-40
20
22
24
26
28
30
Output Power/Tone (dBm)
IMD3 vs. Output Power
Temp.=+25oC
Frequency : 880 MHz
CW Signal
-60
-55
-50
-45
20
22
24
26
28
30
Output Power (dBm)
ACLR vs. Output Power vs. Frequency
869 MHz
880 MHz
894 MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2dB @ 0.01% Probability
3.84 MHz BW
Temp.=+25oC
  
0
5
10
15
20
20
22
24
26
28
30
Output Power (dBm)
Efficiency vs. Output Power
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2dB @ 0.01% Probability
3.84 MHz BW
Temp.=+25oC
Frequency : 880 MHz
300
350
400
450
500
550
600
20
22
24
26
28
30
Output Power (dBm)
Collector Current vs. Output Power
Frequency : 880 MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2dB @ 0.01% Probability
3.84 MHz BW


Similar Part No. - AP561-PCB900

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561-PCB2500 TRIQUINT-AP561-PCB2500 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561-PCB2500 TRIQUINT-AP561-PCB2500 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
More results

Similar Description - AP561-PCB900

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2721-QJ MIMIX-CHV2721-QJ Datasheet
404Kb / 6P
   3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
   DCS-band 8W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com