Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLY2 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # CLY2
Description  High-Power Packaged GaAs FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CLY2 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  CLY2_15 Datasheet HTML 1Page - TriQuint Semiconductor CLY2_15 Datasheet HTML 2Page - TriQuint Semiconductor CLY2_15 Datasheet HTML 3Page - TriQuint Semiconductor CLY2_15 Datasheet HTML 4Page - TriQuint Semiconductor CLY2_15 Datasheet HTML 5Page - TriQuint Semiconductor CLY2_15 Datasheet HTML 6Page - TriQuint Semiconductor CLY2_15 Datasheet HTML 7Page - TriQuint Semiconductor CLY2_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CLY2 Datasheet
For additional information and latest specifications, see our website: www.triquint.com
3
Revision C, December 14, 2005
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
VDS
9
V
Drain-gate voltage
VDG
12
V
Gate-source voltage
VGS
-6
V
Drain current
ID
600
mA
Channel temperature
TCh
150
°C
Storage temperature
Tstg
-55...+150
°C
Total power dissipation (Ts < 50 °C)
1)
Ptot
900
mW
Thermal Resistance
Channel-soldering point
1)
RthChS
≤110
K/W
1)Ts: Temperature at soldering point
Electrical Characteristics
(TA = 25°C , unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
Drain-source saturation current
VDS = 3 V
VGS = 0 V
IDSS
300
450
650
mA
Drain-source pinch-off current
VDS = 3 V
VGS = -3.8 V
ID
-
5
50
µA
Gate pinch-off current
VDS = 3 V
VGS = -3.8 V
IG
-
5
20
µA
Pinch-off Voltage
VDS= 3 V
ID=50µA
VGS(p)
-3.8
-2.8
-1.8
V
Small Signal Gain*)
VDS = 5 V
ID = 180 mA
f = 1.8 GHz
Pin = -5 dBm
G
-
15.5
-
dB
Small Signal Gain*)
VDS = 3 V
ID = 180 mA
f = 1.8 GHz
Pin = -5 dBm
G
-
14.5
-
dB
Output Power
VDS = 3 V
ID = 180 mA
f = 1.8 GHz
Pin = 10 dBm
Po
22.5
23.5
-
dBm


Similar Part No. - CLY2_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29-00 INFINEON-CLY29-00 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29-05 INFINEON-CLY29-05 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29-10 INFINEON-CLY29-10 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
More results

Similar Description - CLY2_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1601B-01 MITSUBISHI-MGF1601B-01 Datasheet
288Kb / 4P
   High-power GaAs FET
logo
Advanced Semiconductor
MSC8001 ASI-MSC8001 Datasheet
18Kb / 1P
   HIGH POWER GaAs FET
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
   HIGH POWER GaAs FET
logo
List of Unclassifed Man...
EFA025AL ETC-EFA025AL Datasheet
28Kb / 2P
   High Gain GaAs Power FET
logo
Excelics Semiconductor,...
EFA025AL EXCELICS-EFA025AL Datasheet
25Kb / 2P
   High Gain GaAs Power FET
logo
Eudyna Devices Inc
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
   High Voltage - High Power GaAs FET
logo
List of Unclassifed Man...
FLC317MG-4 ETC1-FLC317MG-4 Datasheet
481Kb / 5P
   High Voltage - High Power GaAs FET
logo
Eudyna Devices Inc
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E180IU EUDYNA-FLL21E180IU Datasheet
155Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E004ME EUDYNA-FLL21E004ME Datasheet
252Kb / 6P
   High Voltage - High Power GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com