Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLY5 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # CLY5
Description  High Power GaAs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CLY5 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  CLY5_15 Datasheet HTML 1Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 2Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 3Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 4Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 5Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 6Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 7Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 8Page - TriQuint Semiconductor CLY5_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CLY5
High Power GaAs FET
Package Marking and Dimensions
Marking
Part Identifier: CLY5
Lot Code: XXXX
Date Code: YYWW
NOTES:
1. All dimensions are in millimeters. Angles are in degrees
Datasheet: Rev G 08-29-14
- 8 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - CLY5_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
More results

Similar Description - CLY5_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1601B-01 MITSUBISHI-MGF1601B-01 Datasheet
288Kb / 4P
   High-power GaAs FET
logo
Advanced Semiconductor
MSC8001 ASI-MSC8001 Datasheet
18Kb / 1P
   HIGH POWER GaAs FET
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
   HIGH POWER GaAs FET
logo
Eudyna Devices Inc
FLL400IK-2 EUDYNA-FLL400IK-2 Datasheet
61Kb / 3P
   High Voltage - High Power GaAs FET
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
   High Voltage - High Power GaAs FET
logo
List of Unclassifed Man...
FLC317MG-4 ETC1-FLC317MG-4 Datasheet
481Kb / 5P
   High Voltage - High Power GaAs FET
logo
Eudyna Devices Inc
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E180IU EUDYNA-FLL21E180IU Datasheet
155Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E004ME EUDYNA-FLL21E004ME Datasheet
252Kb / 6P
   High Voltage - High Power GaAs FET
FLL21E090IK EUDYNA-FLL21E090IK Datasheet
338Kb / 6P
   High Voltage - High Power GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com