Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMY210 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # CMY210
Description  Ultra-Linear Mixer with Integrated LO Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CMY210 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  CMY210_15 Datasheet HTML 1Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 2Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 3Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 4Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 5Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 6Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 7Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 8Page - TriQuint Semiconductor CMY210_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CMY210
Datasheet
Ultra-Linear Mixer with Integrated LO Buffer
Applications
Up- or Down-
Converters
• Mobile Phones
Receivers
WLAN Receivers
Mobile Phone or WLAN
Basestations
Features
• Very High Input IP3 of 24 dBm
typical
• Very Low LO Power demand of 0
dBm typical; Wide input range
• Wide LO Frequency Range: <500
MHz to >2.5 GHz
• Single-Ended Ports
• RF- and IF-Port Impedance 50
ohms
• Operating Voltage Range: <3 to 6 V
• Very Low Current Consumption: 6
mA typical
• All Gold Metalization
Package Outline,
MW-6
Description
The CMY210 is an all port, single-ended,
general purpose up- and down-converter.
It combines small conversion losses and
excellent intermodulation characteristics with
a low demand of LO- and DC-power.
The internal level controlled LO-buffer enables
good performance over a wide range of LO
level inputs.
The mixer configuration allows RF or IF feed
to either pin 1 or 6 and thus requires a
frequency separation circuit on the pc board.
1
2
3
4
5
6
GND
GND
RF or IF
LO in
IF or RF
V DD
For additional information and latest specifications, see our website: www.triquint.com
2
Revision E, September 12, 2006


Similar Part No. - CMY210_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CMY210 INFINEON-CMY210 Datasheet
156Kb / 10P
   GaAs Components
2001-01-01
More results

Similar Description - CMY210_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor
PE4151 PSEMI-PE4151 Datasheet
815Kb / 15P
   Low Frequency Passive Mixer with Integrated LO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com