Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC1089B-G Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # EC1089B-G
Description  Watt, High Linearity InGaP HBT Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

EC1089B-G Datasheet(HTML) 5 Page - TriQuint Semiconductor

  EC1089B-G Datasheet HTML 1Page - TriQuint Semiconductor EC1089B-G Datasheet HTML 2Page - TriQuint Semiconductor EC1089B-G Datasheet HTML 3Page - TriQuint Semiconductor EC1089B-G Datasheet HTML 4Page - TriQuint Semiconductor EC1089B-G Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc • Phone +1-503-615-9000 • FAX: +1-503-615-8900 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 5 of 5
June 2011
EC1089
¼ Watt, High Linearity InGaP HBT Amplifier
EC1089B-G (Green / Lead-free SOT-89 Package) Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260 °C reflow temperature) and leaded
(maximum 245 °C reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
Outline Drawing
Land Pattern
Product Marking
The component will be marked with an
“1089G” designator with a lot code marked
below the part designator on the top surface
of the package. The “Y” represents the last
digit of the year the part was manufactured,
the “XXX” is an auto-generated number and
“Z” refers to a wafer number.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1A
Value:
Passes between 250 and 500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +260 °C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device. Vias should use a .35mm
(#80 / .0135”) diameter drill and have a final plated
thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
3. Mounting screws can be added near the part to fasten
the board to a heatsink.
Ensure that the ground /
thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board
in the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material
and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are
in degrees.
1089G


Similar Part No. - EC1089B-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC1089B-G ETC-EC1089B-G Datasheet
331Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
EC1089B-G WJCI-EC1089B-G Datasheet
282Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - EC1089B-G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
   0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
   0.2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com