Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG001F-G Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # ECG001F-G
Description  InGaP HBT Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ECG001F-G Datasheet(HTML) 3 Page - TriQuint Semiconductor

  ECG001F-G_15 Datasheet HTML 1Page - TriQuint Semiconductor ECG001F-G_15 Datasheet HTML 2Page - TriQuint Semiconductor ECG001F-G_15 Datasheet HTML 3Page - TriQuint Semiconductor ECG001F-G_15 Datasheet HTML 4Page - TriQuint Semiconductor ECG001F-G_15 Datasheet HTML 5Page - TriQuint Semiconductor ECG001F-G_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ECG001F-G
InGaP HBT Gain Block
Typical RF Performance
Test conditions unless otherwise noted:
VSUPPLY = +5 V, Icc = 30 mA (typ.), RBIAS
 = 51 Ω, 50 Ω System
14
16
18
20
22
24
0
1
2
3
4
5
6
Frequency (GHz)
Gain vs Frequency
Temp.=+25°C
-40
-30
-20
-10
0
0
1
2
3
4
5
6
Frequency (GHz)
Return Loss vs Frequency
|S11|
|S22|
Temp.=+25°C
0
20
40
60
80
100
3.2
3.3
3.4
3.5
3.6
V
DE (V)
I
CC vs. VDE
Temp.=+25°C
20
22
24
26
28
500
1000
1500
2000
2500
3000
Frequency (MHz)
OIP3 vs. Frequency
+85°C
+25°C
−40°C
6
8
10
12
14
16
500
1000
1500
2000
2500
3000
Frequency (MHz)
Output P1dB vs. Frequency
+85°C
+25°C
−40°C
0
1
2
3
4
5
500
1000
1500
2000
2500
3000
Frequency (MHz)
Noise Figure vs. Frequency
Temp.=+25°C
Typical Device S-Parameters
Test conditions unless otherwise noted: VDEVICE = +3.4
 V, ICC = 30 mA, Temp. =+25 °C, calibrated to device leads
Frequency (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
−33.58
15.96
22.85
178.01
−24.47
−1.35
−28.60
3.58
500
−24.53
12.09
22.63
162.01
−24.14
1.89
−22.29
−35.35
1000
−32.76
32.44
22.20
144.90
−23.99
4.76
−25.75
−100.14
1500
−28.56
153.22
21.54
129.42
−23.56
7.59
−20.80
−165.24
2000
−25.13
172.50
20.74
114.94
−23.12
9.11
−17.59
175.89
2500
−28.01
−117.92
20.11
103.13
−22.71
7.41
−20.44
169.69
3000
−28.65
−133.85
19.33
91.28
−22.14
7.37
−18.13
154.41
3500
−28.35
−142.02
18.59
79.59
−21.68
4.16
−16.41
140.24
4000
−25.99
−171.80
17.77
68.13
−20.88
2.49
−14.29
124.73
4500
−22.91
160.22
17.05
57.38
−20.50
2.47
−12.47
116.41
5000
−19.69
153.85
16.39
48.12
−20.03
−0.55
−11.36
113.60
5500
−17.30
152.52
15.78
39.49
−19.55
−5.36
−11.30
114.22
6000
−15.88
144.43
15.21
30.49
−19.14
−6.76
−11.31
113.24
Device S-parameters are available for download at www.triquint.com
Datasheet: Rev. A 12-05-14
- 3 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - ECG001F-G_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG001F-G WJCI-ECG001F-G Datasheet
244Kb / 6P
   InGaP HBT Gain Block
ECG001F-G WJCI-ECG001F-G Datasheet
225Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - ECG001F-G_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com