Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G2028536-FL Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # T1G2028536-FL
Description  285W, 36V DC ??2 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G2028536-FL Datasheet(HTML) 2 Page - TriQuint Semiconductor

  T1G2028536-FL Datasheet HTML 1Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 2Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 3Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 4Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 5Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 6Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 7Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 8Page - TriQuint Semiconductor T1G2028536-FL Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
T1G2028536-FL
285W, 36V DC – 2 GHz, GaN RF Power Transistor
Datasheet: Rev A 10-17-13
- 2 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Breakdown Voltage (BVDG)
145 V (Min.)
Drain Gate Voltage (VDG)
48 V
Gate Voltage Range (VG)
-7 to 0 V
Drain Current (ID)
24 A
Gate Current (IG)
-57 to 67 mA
Power Dissipation (PD)
260 W
RF Input Power, CW,
T = 25°C (PIN)
47 dBm
Channel Temperature (TCH)
275 °C
Mounting Temperature
(30 Seconds)
320 °C
Storage Temperature
-40 to 150 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Drain Voltage (VD)
36 V (Typ.)
Drain Quiescent Current (IDQ)
576 mA (Typ.)
Peak Drain Current ( ID)
13.3 A (Typ.)
Gate Voltage (VG)
-3.0 V (Typ.)
Channel Temperature (TCH)
250 °C (Max)
Power Dissipation, CW (PD)
226 W
Power Dissipation, Pulse (PD)
288 W
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended
operating conditions.
RF Characterization – Load Pull Performance at 2.0 GHz
(1)
Test conditions unless otherwise noted: TA = 25 °C, VD = 36 V, IDQ = 576 mA
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain
19.4
dB
P3dB
Output Power at 3 dB Gain Compression
268.9
W
DE3dB
Drain Efficiency at 3 dB Gain Compression
56.3
%
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression
55.1
%
G3dB
Gain at 3 dB Compression
16.4
dB
Notes:
1. VDS = 36 V, IDQ = 576 mA; Pulse: 300µs, 10%
RF Characterization – Load Pull Performance at 1.0 GHz
(1)
Test conditions unless otherwise noted: TA = 25 °C, VD = 36 V, IDQ = 576 mA
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain
20.8
dB
P3dB
Output Power at 3 dB Gain Compression
316.0
W
DE3dB
Drain Efficiency at 3 dB Gain Compression
66.7
%
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression
65.6
%
G3dB
Gain at 3 dB Compression
17.8
dB
Notes:
1. VDS = 36 V, IDQ = 576 mA; Pulse: 300µs, 10%


Similar Part No. - T1G2028536-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G2028536-FS TRIQUINT-T1G2028536-FS Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FSEVB1 TRIQUINT-T1G2028536-FSEVB1 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FS TRIQUINT-T1G2028536-FS_15 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
More results

Similar Description - T1G2028536-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G2028536-FS TRIQUINT-T1G2028536-FS_15 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G4020036-FL TRIQUINT-T1G4020036-FL_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4020036-FS TRIQUINT-T1G4020036-FS_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FL TRIQUINT-T1G4012036-FL_15 Datasheet
993Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FS TRIQUINT-T1G4012036-FS_15 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com