Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G3000532-SM Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # T1G3000532-SM
Description  5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G3000532-SM Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button T1G3000532-SM Datasheet HTML 7Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 8Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 9Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 10Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 11Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 12Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 13Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 14Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
T1G3000532-SM
5W, 32V, 0.03 – 3.5 GHz, GaN RF Input-Matched Transistor
Datasheet: Rev 001- 06-13-14
- 11 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Load Pull Smith Charts
(1, 2)
RF performance that the device typically exhibits when placed in the specified impedance environment. The impedances are not the
impedances of the device, they are the impedances presented to the device via an RF circuit or load-pull system. The impedances
listed follow an optimized trajectory to maintain high power and high efficiency.
Notes:
1.
32V, 25mA, Pulsed signal with 100uS pulse width and 20% duty cycle. 3dB compression reference at Pin_ref.
2.
See page 18 for load pull and source pull reference planes.
3.5GHz, Load-pull
37
36.7
36.4
11.7
11.2
10.7
52.6
49.6
46.6
Max Power is 37dBm
at Z = 38.189+19.398i
Γ
Γ
Γ
Γ = -0.0816+0.2379i
Max Gain is 11.8dB
at Z = 20.13+24.933i
Γ
Γ
Γ
Γ = -0.2659+0.4501i
Max PAE is 54.9%
at Z = 26.394+33.042i
Γ
Γ
Γ
Γ = -0.1027+0.4769i
Zo = 50
Pin_ref = 3.6dBm
Zs(fo) = 48.9-0.78i
Zs(2fo) = 34.82+0.02i
Zs(3fo) = 0
Zl(2fo) = 32.86-40.89i
Zl(3fo) = 0
Power
Gain
PAE


Similar Part No. - T1G3000532-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G2028536-FL TRIQUINT-T1G2028536-FL Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FLEVB1 TRIQUINT-T1G2028536-FLEVB1 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FS TRIQUINT-T1G2028536-FS Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FSEVB1 TRIQUINT-T1G2028536-FSEVB1 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
More results

Similar Description - T1G3000532-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF3020-SM TRIQUINT-TGF3020-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 4 ??6 GHz, GaN RF Input-Matched Transistor
TGF3021-SM TRIQUINT-TGF3021-SM_15 Datasheet
2Mb / 33P
   30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
logo
Qorvo, Inc
TGF2965-SM QORVO-TGF2965-SM Datasheet
1Mb / 21P
   5 W, 32 V, 0.03?? GHz, GaN RF Input-Matched Transistor
TGF3015-SM QORVO-TGF3015-SM Datasheet
1Mb / 20P
   10 W, 32 V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com