Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G3000532-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # T1G3000532-SM
Description  5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G3000532-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  T1G3000532-SM Datasheet HTML 1Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 2Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 3Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 4Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 5Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 6Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 7Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 8Page - TriQuint Semiconductor T1G3000532-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
T1G3000532-SM
5W, 32V, 0.03 – 3.5 GHz, GaN RF Input-Matched Transistor
Datasheet: Rev 001- 06-13-14
- 2 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Breakdown Voltage (BVDG)
100 V
Gate Voltage Range (VG)
-50 to 0 V
Drain Current (ID)
0.6 A
Gate Current (IG)
-1.25 to 2.1 mA
Power Dissipation (PD)
7.5 W
RF Input Power, CW,
T = 25°C (PIN)
25 dBm
Channel Temperature (TCH)
275 °C
Mounting Temperature
(30 Seconds)
320 °C
Storage Temperature
-40 to 150 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Drain Voltage (VD)
32 V (Typ.)
Drain Quiescent Current (IDQ)
25 mA (Typ.)
Peak Drain Current ( ID)
326 mA (Typ.)
Gate Voltage (VG)
-2.7 V (Typ.)
Channel Temperature (TCH)
225 °C (Max)
Power Dissipation, CW (PD)
7.05 W (Max)
Power Dissipation, Pulse (PD)
9.1 W (Max)
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended
operating conditions.
RF Characterization – Load Pull Performance at 1.5 GHz
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 25 mA, Pulse: 100uS Pulse Width, 20% Duty Cycle
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain, Power Tuned
17.5
dB
P3dB
Output Power at 3 dB Gain Compression, Power
Tuned
5.5
W
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression, Efficiency Tuned
70.5
%
G3dB
Gain at 3 dB Compression, Power Tuned
14.5
dB
RF Characterization – Load Pull Performance at 1.0 GHz
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 25 mA, Pulse: 100uS Pulse Width, 20% Duty Cycle
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain, Power Tuned
16.5
dB
P3dB
Output Power at 3 dB Gain Compression, Power
Tuned
5.9
W
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression, Efficiency Tuned
77.3
%
G3dB
Gain at 3 dB Compression, Power Tuned
13.5
dB


Similar Part No. - T1G3000532-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G2028536-FL TRIQUINT-T1G2028536-FL Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FLEVB1 TRIQUINT-T1G2028536-FLEVB1 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FS TRIQUINT-T1G2028536-FS Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FSEVB1 TRIQUINT-T1G2028536-FSEVB1 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
More results

Similar Description - T1G3000532-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF3020-SM TRIQUINT-TGF3020-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 4 ??6 GHz, GaN RF Input-Matched Transistor
TGF3021-SM TRIQUINT-TGF3021-SM_15 Datasheet
2Mb / 33P
   30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
logo
Qorvo, Inc
TGF2965-SM QORVO-TGF2965-SM Datasheet
1Mb / 21P
   5 W, 32 V, 0.03?? GHz, GaN RF Input-Matched Transistor
TGF3015-SM QORVO-TGF3015-SM Datasheet
1Mb / 20P
   10 W, 32 V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com