Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G4003532-FS Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # T1G4003532-FS
Description  35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G4003532-FS Datasheet(HTML) 2 Page - TriQuint Semiconductor

  T1G4003532-FS_15 Datasheet HTML 1Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 2Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 3Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 4Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 5Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 6Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 7Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 8Page - TriQuint Semiconductor T1G4003532-FS_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
T1G4003532-FS
35W, 32V, DC – 3.5 GHz, GaN RF Power Transistor
Data Sheet: Rev A 10/18/2012
- 2 of 13 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Drain to Gate Voltage, Vd – Vg
40 V
Drain Voltage, Vd
+40 V
Gate Voltage, Vg
-8 to 0 V
Drain Current, Id
4.5 A
Gate Current, Ig
-7.5 to 7.5 mA
Power Dissipation, Pdiss
40 W
RF Input Power, CW, T = 25
oC
38.75 dBm
Channel Temperature, Tch
275
oC
Mounting Temperature (30 sec)
320
oC
Storage Temperature
-40 to 150
oC
Operation of this device outside the parameter ranges
given above may cause permanent damage. These
are stress ratings only, and functional operation of the
device at these conditions is not implied. Refer to the
Median Life Time plot on pg. 3 for additional
information regarding channel temperature.
Recommended Operating Conditions
Parameter
Min
Typical
Max
Units
Vd
32
V
Idq
150
mA
Id (Peak Current)
2400
mA
Vg
-3.9
V
Channel
Temperature, Tch
200
oC
Power Dissipation,
Pdiss (CW)
24.5
W
Power Dissipation,
Pdiss (Pulse)
35
W
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Recommended operating conditions apply unless otherwise specified: TA = 25 °C, Vd = 32 V, Idq = 150 mA, Vg = -3.9 V
RF Characteristics
Characteristics
Symbol
Min
Typ
Max
Units
Load Pull Performance at 1.0 GHz (VDS = 32 V, IDQ = 150 mA; Pulse: 100µs, 20%)
Linear Gain
GLIN
23.0
dB
Output Power at 3 dB Gain Compression
P3dB
40.1
W
Drain Efficiency at 3 dB Gain Compression
DE3dB
73.0
%
Power-Added Efficiency at 3 dB Gain Compression
PAE3dB
72.5
%
Gain at 3 dB Compression
G3dB
20.0
dB
Load Pull Performance at 3.5 GHz (VDS = 32 V, IDQ = 150 mA; Pulse: 100µs, 20%)
Linear Gain
GLIN
18.8
dB
Output Power at 3 dB Gain Compression
P3dB
42.6
W
Drain Efficiency at 3 dB Gain Compression
DE3dB
62.1
%
Power-Added Efficiency at 3 dB Gain Compression
PAE3dB
60.5
%
Gain at 3 dB Compression
G3dB
15.8
dB
Performance at 3.5 GHz in the 2.7 to 3.5 GHz Eval. Board (VDS = 32 V, IDQ = 150 mA; Pulse: 100µs, 20%)
Linear Gain
GLIN
16.0
17.0
dB
Output Power at 3 dB Gain Compression
P3dB
33.0
37.0
W
Drain Efficiency at 3 dB Gain Compression
DE3dB
53.0
57.0
%
Power Added Efficiency at 3 dB Compression
PAE3dB
48.0
54.0
%
Gain at 3 dB Compression
G3dB
13.0
14.0
dB
Narrow Band Performance at 3.50 GHz (VDS = 32 V, IDQ = 150 mA, CW at P1dB)
Impedance Mismatch Ruggedness
VSWR
10:1


Similar Part No. - T1G4003532-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4003532-FS TRIQUINT-T1G4003532-FS Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T1G4003532-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
TGF2929-HM QORVO-TGF2929-HM Datasheet
1Mb / 19P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com