Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G4004532-FLEVB1 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # T1G4004532-FLEVB1
Description  45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G4004532-FLEVB1 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button T1G4004532-FLEVB1 Datasheet HTML 5Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 6Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 7Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 8Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 9Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 10Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 11Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 12Page - TriQuint Semiconductor T1G4004532-FLEVB1 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
T1G4004532-FL
45W, 32V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: RevA
- 9 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Evaluation Board Layout
Top RF layer is 0.020” thick Rogers RO4350B, ɛr = 3.48. The pad pattern shown has been developed and tested for optimized
assembly at TriQuint Semiconductor. The PCB land pattern has been developed to accommodate lead and package tolerances.
Bill of Materials
Reference Des.
Value
Qty
Manufacturer
Part Number
C1, C2, C9
5.6 pF
3
ATC
600S5R6AW250T
C3
10 uF
1
TDK
C1632X5R0J106M
C4
1.0 uF
1
Murata
NFM18PS105R0J3
C5
100 pF
1
ATC
600S100AW250T
C6
10 uF
1
Vishay Sprague
595D106X9035D2T
C7
220 uF
1
AFK
AFK227M2AR44B
C8
0.7 pF
1
ATC
600S0R7AW250T
L1
3.6 nH
1
Coilcraft
0603HC-3N6XJL
L2
6.6 nH
1
Coilcraft
GA3093-ALB
R1
100 Ohms
1
Vishay Dale
CRCW0603100RFKEC
R2, R3
10 Ohms
2
Vishay Dale
CRCW060310R0FKEA
R4
0.01 Ohms
1
Panasonic
ERJ-8BWJR010V


Similar Part No. - T1G4004532-FLEVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4004532-FS TRIQUINT-T1G4004532-FS Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FSEVB1 TRIQUINT-T1G4004532-FSEVB1 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T1G4004532-FLEVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
TGF2929-HM QORVO-TGF2929-HM Datasheet
1Mb / 19P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com