Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G4012036-FL Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # T1G4012036-FL
Description  120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G4012036-FL Datasheet(HTML) 1 Page - TriQuint Semiconductor

  T1G4012036-FL Datasheet HTML 1Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 2Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 3Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 4Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 5Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 6Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 7Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 8Page - TriQuint Semiconductor T1G4012036-FL Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T1G4012036-FL
120W Peak Power, 24W Average Power,
36V DC
– 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B 02-24-15
- 1 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
 Military radar
 Civilian radar
 Professional and military radio communications
 Test instrumentation
 Wideband or narrowband amplifiers
 Jammers
Ordering Information
Part
ECCN
Description
T1G4012036-FL
3A001.b.3.a
Packaged part
Flanged
T1G4012036-FS-
EVB1
EAR99
3.1-3.5 GHz
Evaluation Board
Functional Block Diagram
Pin Configuration
Pin No.
Label
1
VD / RF OUT
2
VG / RF IN
Flange
Source
General Description
The TriQuint T1G4012036-FL is a 120 W Peak (24 W
Avg.) (P3dB) discrete GaN on SiC HEMT which operates
from DC to 3.5 GHz. The device is constructed with
TriQuint’s proven TQGaN25HV process, which features
advanced field plate techniques to optimize power and
efficiency at high drain bias operating conditions. This
optimization can potentially lower system costs in terms
of
fewer
amplifier
line-ups
and
lower
thermal
management costs.
Lead-free and ROHS compliant
Evaluation boards are available upon request.
Product Features
 Frequency: DC to 3.5 GHz
 Output Power (P3dB): 120 W Peak
(24 Watts Avg.) at 3.3 GHz
 Linear Gain: >15 dB at 3.3 GHz
 Operating Voltage: 36 V
 Low thermal resistance package


Similar Part No. - T1G4012036-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4012036-FS TRIQUINT-T1G4012036-FS Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FSEVB1 TRIQUINT-T1G4012036-FSEVB1 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FS TRIQUINT-T1G4012036-FS_15 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T1G4012036-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4012036-FS TRIQUINT-T1G4012036-FS_15 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4020036-FL TRIQUINT-T1G4020036-FL_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4020036-FS TRIQUINT-T1G4020036-FS_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G2028536-FS TRIQUINT-T1G2028536-FS_15 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
TGF2929-HM QORVO-TGF2929-HM Datasheet
1Mb / 19P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
TGF2929-FS TRIQUINT-TGF2929-FS_15 Datasheet
3Mb / 21P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com