Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G4020036-FL Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # T1G4020036-FL
Description  2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G4020036-FL Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button T1G4020036-FL Datasheet HTML 4Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 5Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 6Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 7Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 8Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 9Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 10Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 11Page - TriQuint Semiconductor T1G4020036-FL Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
T1G4020036-FL
2 x 120W Peak Power, 2 x24W Average Power,
36V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B 11-24-14
- 8 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Load Pull Smith Charts (1, 2)
RF performance that the device typically exhibits when placed in the specified impedance environment. The impedances are not the
impedances of the device, they are the impedances presented to the device via an RF circuit or load-pull system. The impedances
listed follow an optimized trajectory to maintain high power and high efficiency. The impedances are for one independent half of the
device only.
Notes:
1.
Only half of device was load pulled. Load-pull reference planes are shown on page 18.
2.
Load-pull condition: Vds = 36V, Idq = 260mA, Pulsed: 100uS pulse width, 20% duty cycle
-0
.4
-0
.3
-0.2
-0.1
Load Pull
3.1GHz, 36V, 260mA, 25°C
51.3
51
50.7
50.4
50.1
49.6
49.2
48.9
48.5
58.5
56.5
54.8
53.1
51.6
50.3
47.9
16.3
15.9
15.5
15.2
14.9
14.3
13.7
13.3
13.1
Max P3dB is 51.3dBm
at Zl = 3.32-3.5i
Max PAE is 58.5%
at Zl = 2.1-1.95i
Max G3dB is 16.3dB
at Zl = 1.38-1.2i
Zs = 16.65-1.96i
Smith-Chart Zo = 10
P3dB
PAE3dB
G3dB


Similar Part No. - T1G4020036-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4020036-FS TRIQUINT-T1G4020036-FS Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T1G4020036-FS QORVO-T1G4020036-FS Datasheet
1Mb / 18P
   DC ??3.5 GHz, 50 V, 2 x 200 W GaN RF Transistor
September, 2021
T1G4020036-FS-EVB1 QORVO-T1G4020036-FS-EVB1 Datasheet
1Mb / 18P
   DC ??3.5 GHz, 50 V, 2 x 200 W GaN RF Transistor
September, 2021
logo
TriQuint Semiconductor
T1G4020036-FSEVB1 TRIQUINT-T1G4020036-FSEVB1 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4020036-FS TRIQUINT-T1G4020036-FS_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T1G4020036-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4020036-FS TRIQUINT-T1G4020036-FS_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FS TRIQUINT-T1G4012036-FS_15 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FL TRIQUINT-T1G4012036-FL_15 Datasheet
993Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G2028536-FS TRIQUINT-T1G2028536-FS_15 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
TGF2929-HM QORVO-TGF2929-HM Datasheet
1Mb / 19P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
TGF2929-FS TRIQUINT-TGF2929-FS_15 Datasheet
3Mb / 21P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com