Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G6000528-Q3-EVB3 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # T1G6000528-Q3-EVB3
Description  7W, 28V, DC ??6 GHz, GaN RF Power Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G6000528-Q3-EVB3 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  T1G6000528-Q3-EVB3 Datasheet HTML 1Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 2Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 3Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 4Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 5Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 6Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 7Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 8Page - TriQuint Semiconductor T1G6000528-Q3-EVB3 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
– 2 –
T1G6000528-Q3
7W, 28V, DC – 6 GHz, GaN RF Power Transistor
Released Datasheet: Rev. K 8/11/2011
Copyright © 2011 TriQuint Semiconductor, Inc.
Disclaimer: Subject to change without notice
Connecting the digital World to the Global Network®
Specifications
Sym
Parameter
Value
V+
PositiveSupplyValue2
28
V-
NegativeSupplyVoltageRange
-10Vto0V
I
Positive Supply Current2
0.8A
|I
G|
Gate Supply Current
12.5mA
P
D
Power Dissipation2
10W
T
CH
OperatingChannelTemperature2
200°C
Notes:
1
Absolutemaximumratingsat3GHz
2
Absolutemaximumratingsaresetbasedonindustryrecommended
standard mean time to failure (MTTF) greater than 1M hours while
operatingatamaximumcasetemperatureof85C.Operatingatlower
maximumcasetemperaturesallowsmaximumoperatingvoltageto
beincreaseduptoamaximumof40V.Applicationspecificlimitscan
bedeterminedwithengineeringguidancefromTriQuint.
Absolute Maximum Ratings1
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
1.E+14
1.E+15
Median Lifetime (Tm) vs. Channel Temperature (Tch)
1.E+04
1.E+05
1.E+06
1.E+07
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, Tch (°C)
FET7
Median Lifetime (Tm) vs. Channel Temperature (Tch)
Channel Temperature, Tch (°C)


Similar Part No. - T1G6000528-Q3-EVB3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6000528-Q3-EVB3 TRIQUINT-T1G6000528-Q3-EVB3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
More results

Similar Description - T1G6000528-Q3-EVB3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
   10W, 28V DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com