Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G6001528-Q3 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # T1G6001528-Q3
Description  DC 6 GHz 18 W GaN RF Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G6001528-Q3 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button T1G6001528-Q3 Datasheet HTML 5Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 6Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 7Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 8Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 9Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 10Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 11Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 12Page - TriQuint Semiconductor T1G6001528-Q3 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
T1G6001528-Q3
DC – 6 GHz 18 W GaN RF Power Transistor
Preliminary Data Sheet: Rev - A 06/14/2011
-
9 of 15-
Disclaimer: Subject to change without notice
Evaluation Board Performance: 5 to 6 GHz
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
5
5.2
5.4
5.6
5.8
6
45
48
51
54
57
60
63
66
69
Frequency (GHz)
EVB Test Data, V
DS=28V, IDQ=50mA; Pulse: 100μs, 20%
DrainEff (%)
PAE (%)
5
5.2
5.4
5.6
5.8
6
15
16
17
18
19
20
21
22
23
Frequency [GHz]
EVB Test Data, V
DS=28V, IDQ=50mA; Pulse: 100μs, 20%
5
5.2
5.4
5.6
5.8
6
6
6.25
6.5
6.75
7
7.25
7.5
7.75
8
Power (W)
Gain (dB)


Similar Part No. - T1G6001528-Q3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
T1G6001528-Q3EVB1 TRIQUINT-T1G6001528-Q3EVB1 Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
More results

Similar Description - T1G6001528-Q3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS_V01 Datasheet
2Mb / 20P
   30 W, 28V DC ??6 GHz, GaN RF Power Transistor
August 2021
T2G6003028-FL QORVO-T2G6003028-FL Datasheet
2Mb / 21P
   30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
   35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
logo
WOLFSPEED, INC.
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
logo
Cree, Inc
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
logo
Cree, Inc
CGHV1F006S CREE-CGHV1F006S Datasheet
5Mb / 22P
   6 W, DC - 18 GHz, 40V, GaN HEMT
logo
TriQuint Semiconductor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com