Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G6003028-FL Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # T1G6003028-FL
Description  30W, 28V, DC 6 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G6003028-FL Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button T1G6003028-FL_15 Datasheet HTML 5Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 6Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 7Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 8Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 9Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 10Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 11Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 12Page - TriQuint Semiconductor T1G6003028-FL_15 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
T1G6003028-FL
30W, 28V, DC – 6 GHz, GaN RF Power Transistor
Data Sheet: Rev - 10/16/2012
- 9 of 13 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications Information
Evaluation Board Layout
Top RF layer is 0.020” thick Rogers RO4350B, r = 3.48.
The pad pattern shown has been developed and tested for optimized assembly at TriQuint Semiconductor. The
PCB land pattern has been developed to accommodate lead and package tolerances.
Bill of Materials
Reference Des.
Value
Qty
Manufacturer
Part Number
C1
0.3 pF
1
ATC
ATC600S0R3
C2
0.2 pF
1
ATC
ATC600S0R2
L1, L2
8.8 NH
2
COILCRAFT
1606-8
C3, C4, C6, C7, C8
3 pF
5
ATC
ATC600S3R0
C5
0.4 pF
1
ATC
ATC600S0R5
R1
97.6 Ohms
1
Venkel
CR0604-16w-97R6FT
R2
4.7 Ohms
1
Newark
37C0064
R3
330 Ohms
1
Newark
TNPW1206330RBT9ET1-E3
R4
50 Ohms
1
ATC
CRCW120651R0FKEA
C9, C10
220 pF
2
AVX
AVX06035C22KAT2A
C11, C12
2200 pF
2
Vitramon
VJ1206Y222KXA
C13, C14
22000 pF
2
Vitramon
VJ1206Y223KXA
C15
220 uF
1
United Chemi-Con
EMVY500ADA221MJA0G
C16
1.0 uF
1
Allied
541-1231
L3
48 Ohm
1
Ferrite, Laird Tech.
28F0121-0SR-10


Similar Part No. - T1G6003028-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FS-EVB1 TRIQUINT-T1G6003028-FS-EVB1 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FSEVB1 TRIQUINT-T1G6003028-FSEVB1 Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
More results

Similar Description - T1G6003028-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
   10W, 28V DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com