Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G6003028-FS Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # T1G6003028-FS
Description  30W, 28V, DC 6 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G6003028-FS Datasheet(HTML) 1 Page - TriQuint Semiconductor

  T1G6003028-FS_15 Datasheet HTML 1Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 2Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 3Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 4Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 5Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 6Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 7Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 8Page - TriQuint Semiconductor T1G6003028-FS_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T1G6003028-FS
30W, 28V, DC – 6 GHz, GaN RF Power Transistor
Data Sheet: Rev B 09/12/2012
- 1 of 13 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
Military radar
Civilian radar
Professional and military radio
communications
Test instrumentation
Wideband or narrowband amplifiers
Jammers
Product Features
Functional Block Diagram
Frequency: DC to 6 GHz
Output Power (P3dB): 30 W at 6 GHz
Linear Gain: >14 dB at 6 GHz
Operating Voltage: 28 V
Low thermal resistance package
General Description
Pin Configuration
The TriQuint T1G6003028-FS is a 30 W (P3dB)
discrete GaN on SiC HEMT which operates
from DC to 6 GHz. The device is constructed
with TriQuint’s proven 0.25 µm process, which
features advanced field plate techniques to
optimize power and efficiency at high drain
bias operating conditions. This optimization
can potentially lower system costs in terms of
fewer amplifier line-ups and lower thermal
management costs.
Lead-free and RoHS compliant
Evaluation Boards are available upon request.
Pin #
Symbol
1
Vd/RF OUT
2
Vg/RF IN
Flange
Source
Ordering Information
Material No.
Part No.
Description
ECCN
1080206
T1G6003028-FS
Packaged part:
Flangeless
EAR99
1093989
T1G6003028-FS-
EVB1
5.4-5.9 GHz
Eval. Board
EAR99
2
1
2
1


Similar Part No. - T1G6003028-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS-EVB1 TRIQUINT-T1G6003028-FS-EVB1 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FSEVB1 TRIQUINT-T1G6003028-FSEVB1 Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
More results

Similar Description - T1G6003028-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
   10W, 28V DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com