Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U05406N Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U05406N
Description  USB OTG Host Adapter Cable For Samsung Galaxy Tablet, 6-in
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U05406N Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U05406N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U05406N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB OTG Host Adapter Cable For Samsung Galaxy
Tablet, 6-in.
MODEL NUMBER: U054-06N
Description
Tripp Lite U054-06N allows you to expand the capabilities of your Samsung Galaxy Tab. This 30-pin to USB-A
Female adapter lets you transfer multimedia files from any USB storage device into your Samsung Galaxy tablet.
You can also turn your tablet into a USB host, giving you the ability to to connect compatible devicessuch as
keyboards, mouse, USB thumb drive, USB controller, and more.
Features
6-in. 30-pin to USB "A" Female OTG ( On the Go ) adapter
Add USB peripherals to your Galaxy tablet: Keyboard, Mouse, Thumb Drive, and more
Plug-and-Play...no drivers or software required
6inch length allows for flexible access to attached peripherals
Connect one USB device, or add a multi-port hub for multiple USB device connections
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
0.5
Cable Length (m)
0.15
Highlights
6-in. 30-pin to USB "A" Female
OTG ( On the Go ) adapter
Adds a USB port to your Galaxy
tablet
Applications
Adds a Standard USB port to
your OTG enabled Samsung
Galaxy Tablet
Adds multiple USB ports by
connecting a USB Hub to the
adapter
Add additional storage by
connecting a thumb drive to the
adapter
System Requirements
OTG Compatible Samsung
Tablet with 30-Pin connector
USB device must be able to run
on the power provided by your
tablet, or must be plugged into an
external power supply
Supports FAT32 format external
hard drives
Package Includes
USB OTG Host Adapter Cable
For Samsung Galaxy Tablet, 6-in.
1 / 2


Similar Part No. - U05406N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U054-06N TRIPPLITE-U054-06N Datasheet
156Kb / 2P
   USB OTG Host Adapter Cable For Samsung Galaxy Tablet, 6-in.
logo
Formosa MS
U054BT2510 FORMOSA-U054BT2510 Datasheet
214Kb / 7P
   SMD Ultra Low Capacitance ESD Protection Array
More results

Similar Description - U05406N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U054-06N TRIPPLITE-U054-06N Datasheet
156Kb / 2P
   USB OTG Host Adapter Cable For Samsung Galaxy Tablet, 6-in.
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
Microchip Technology
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
   Hi-Speed USB Host, Device or OTG PHY
01/27/15
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
   Hi-Speed USB Host, Device or OTG PHY
07/14/15
logo
Tripp Lite. All Rights ...
U280004OTG TRIPPLITE-U280004OTG Datasheet
510Kb / 2P
   4-Port USB Tablet - SmartPhone Charging Station with OTG Hub
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com