Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U209000R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U209000R
Description  USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U209000R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U209000R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U209000R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to Serial Adapter Cable (USB-A to DB9 M/M),
5-ft.
MODEL NUMBER: U209-000-R
Description
Tripp Lite's USB to Serial Adapter Cable enables a RS-232 serial device to be connected to a computer's USB
port. Perfect for a PDA, digital camera, modem or ISDN terminal with a serial port. The unit features a portable
design that does not require external power. Supports data transfer rates up to 230 kbps. 5 ft. overall length.
Features
Connect a RS-232 Serial device to the USB port on your computer or Android tablet / phone
Compatible with Android tablets / phones with USB Host Mode (OTG) support and OS version 3.2 and above
Connectors: USB-A male/DB9 male
Portable design is ideal for use with a PDA or digital camera
Does not require external power
Supports data transfer rates up to 230 kbps
Premium double-shielded cable with tinned copper braid and aluminum Mylar foil shield that eliminates
cross-talk and reduces EMI/RFI interference
Compatible with Windows, Mac and Linux computers, and Android Tablets / Phones (See System
Requirements for details)
Prolific PL2303RA Chipset
Specifications
OVERVIEW
Cable Type
USB
INPUT
Highlights
5 ft. Length
No external power required
Compatible with Windows, Mac
and Linux computers, and
Android Tablets / Phones (See
System Requirements for details)
Need Drivers? Click on
"SUPPORT" tab below
Applications
Notebook and desktop
computers, tablets, and phones
System Requirements
Compatible with Windows 2000,
XP, Server 2003, Vista, 7, Server
2008, 8, 8.1, and Server 2012
Compatible with Mac OS X 10.6
through 10.10
Compatible with Linux Redhat
7.3, 8.0 and 9.0 (Linux Kernel
2.4.31 and above already
includes built-in drivers)
Compatible with Android Devices
(Tablets / Phones) with USB Host
Mode (OTG) support and
Android OS version 3.2 and
above. Android Devices will
require a USB Host Mode (OTG)
cable (such as Tripp Lite's
U052-06N) to connect the
U209-000-R to the device.
Package Includes
U209-000-R USB to Serial
Adapter Cable
Owner's Manual
1 / 2


Similar Part No. - U209000R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2090B ATMEL-U2090B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
More results

Similar Description - U209000R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
   USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
U209-000-R TRIPPLITE-U209-000-R Datasheet
524Kb / 3P
   USB to Serial Adapter Cable (A-M to DB9-M)
USA-19HS TRIPPLITE-USA-19HS Datasheet
165Kb / 2P
   USB-A to Serial DB9 RS232 Adapter Cable - 3 ft. Keyspan, High-Speed (M/M), TAA
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
   USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
U206010 TRIPPLITE-U206010 Datasheet
509Kb / 2P
   USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 10-ft.
U206006R TRIPPLITE-U206006R Datasheet
508Kb / 2P
   USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 6-ft
U206-010 TRIPPLITE-U206-010 Datasheet
175Kb / 2P
   USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 10-ft.
U206-006-R TRIPPLITE-U206-006-R Datasheet
175Kb / 2P
   USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 6-ft.
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
U428-003 TRIPPLITE-U428-003 Datasheet
168Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A (M/M), 3 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com