Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2G405528-FS-EVB2 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # T2G405528-FS-EVB2
Description  55W, 28V DC 3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G405528-FS-EVB2 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button T2G405528-FS-EVB2 Datasheet HTML 5Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 6Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 7Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 8Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 9Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 10Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 11Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 12Page - TriQuint Semiconductor T2G405528-FS-EVB2 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
T2G4005528-FS
55W, 28V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B 06-12-14
- 9 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Evaluation Board Layout
Top RF layer is 0.025” thick Rogers RO3210, ɛr = 10.2. The pad pattern shown has been developed and tested for optimized
assembly at TriQuint Semiconductor. The PCB land pattern has been developed to accommodate lead and package tolerances.
Bill of Materials
Reference Design
Value
Qty
Manufacturer
Part Number
C1, C7
47 pF
2
ATC
100A470JW
C2, C8
82 pF
2
ATC
100B820JW
C3, C9
2200 pF
2
Vitramon
VJ1206Y222KRA
C4, C10
22000 pF
2
Vitramon
48C4641
C5, C11
1 uF
2
Allied
213-0366
C6, C12
470 uF
2
Illinois Cap
477KXM035M
L1, L2
12.5 nH
2
Coilcraft
A04T_JL
R1
2.4 Ohm
1
Vishay Dale
CRCW25122R40JNEG
C13
2400 pF
1
Dielectric Labs
C08BL242X-5UN-X0B


Similar Part No. - T2G405528-FS-EVB2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G405528-FSEVB2 QORVO-T2G405528-FSEVB2 Datasheet
1Mb / 13P
   55W, 28V DC ??3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T2G405528-FS-EVB2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G4005528-FS QORVO-T2G4005528-FS Datasheet
1Mb / 13P
   55W, 28V DC ??3.5 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G4005528-FS TRIQUINT-T1G4005528-FS Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
T1G4005528-FS TRIQUINT-T1G4005528-FS_15 Datasheet
1Mb / 12P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
logo
Qorvo, Inc
TGF2929-HM QORVO-TGF2929-HM Datasheet
1Mb / 19P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
TGF2929-FL TRIQUINT-TGF2929-FL_15 Datasheet
3Mb / 21P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
TGF2929-FS TRIQUINT-TGF2929-FS_15 Datasheet
3Mb / 21P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com