Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2G6001528-Q3 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # T2G6001528-Q3
Description  18W, 28V, DC 6 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G6001528-Q3 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  T2G6001528-Q3 Datasheet HTML 1Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 2Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 3Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 4Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 5Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 6Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 7Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 8Page - TriQuint Semiconductor T2G6001528-Q3 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
T2G6001528-Q3
18W, 28V, DC – 6 GHz, GaN RF Power Transistor
Datasheet: Rev B 12-30-13
- 5 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Load Pull Smith Charts
(1, 2)
RF performance that the device typically exhibits when placed in the specified impedance environment. The impedances are not
the impedances of the device, they are the impedances presented to the device via an RF circuit or load-pull system. The
impedances listed follow an optimized trajectory to maintain high power and high efficiency.
Notes:
1. Test Conditions: VDS = 28 V, IDQ = 50 mA
2. Test Signal: Pulse Width = 100 µsec, Duty Cycle = 20%


Similar Part No. - T2G6001528-Q3

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
T2G6001528-Q3-EVB1 QORVO-T2G6001528-Q3-EVB1 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3-EVB2 QORVO-T2G6001528-Q3-EVB2 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3EVB1 QORVO-T2G6001528-Q3EVB1 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
More results

Similar Description - T2G6001528-Q3

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com