Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2G6000528-Q3-EVB5 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # T2G6000528-Q3-EVB5
Description  10W, 28V DC 6 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G6000528-Q3-EVB5 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button T2G6000528-Q3-EVB5 Datasheet HTML 5Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 6Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 7Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 8Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 9Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 10Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 11Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 12Page - TriQuint Semiconductor T2G6000528-Q3-EVB5 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
T2G6000528-Q3
10W, 28V DC – 6 GHz, GaN RF Power Transistor
Datasheet: Rev C 11-14-14
- 10 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin Layout
Note:
The T2G6000528-Q3 will be marked with the “05282” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the calendar year the part was manufactured, the “WW” is the work week of the assembly lot
start, and the “MXXX” is the production lot number.
Pin Description
Pin
Symbol
Description
1
VD / RF OUT
Drain voltage / RF Output matched to 50 ohms; see EVB Layout on page 9 as an
example.
2
VG / RF IN
Gate voltage / RF Input matched to 50 ohms; see EVB Layout on page 9 as an
example.
3
Flange
Source connected to ground; see EVB Layout on page 9 as an example.
Notes:
Thermal resistance measured to bottom of package


Similar Part No. - T2G6000528-Q3-EVB5

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6000528-Q3-EVB5 QORVO-T2G6000528-Q3-EVB5 Datasheet
985Kb / 13P
   10W, 28V DC ??6 GHz, GaN RF Power Transistor
More results

Similar Description - T2G6000528-Q3-EVB5

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
T2G6000528-Q3 QORVO-T2G6000528-Q3 Datasheet
985Kb / 13P
   10W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com