Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPC30M Datasheet(PDF) 2 Page - International Rectifier

Part # IRGPC30M
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC30M Datasheet(HTML) 2 Page - International Rectifier

  IRGPC30M Datasheet HTML 1Page - International Rectifier IRGPC30M Datasheet HTML 2Page - International Rectifier IRGPC30M Datasheet HTML 3Page - International Rectifier IRGPC30M Datasheet HTML 4Page - International Rectifier IRGPC30M Datasheet HTML 5Page - International Rectifier IRGPC30M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C-322
IRGPC30M
Notes:
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 23Ω, ( See fig. 13a )
Repetitive rating; V GE=20V, pulse width
limited by max. junction temperature.
( See fig. 13b )
Repetitive rating; pulse width limited
by maximum junction temperature.
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
Pulse width 5.0µs,
single shot.
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
35
53
IC = 16A
Qge
Gate - Emitter Charge (turn-on)
7.4
11
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
14
21
VGE = 15V
td(on)
Turn-On Delay Time
31
TJ = 25°C
tr
Rise Time
31
ns
IC = 16A, VCC = 480V
td(off)
Turn-Off Delay Time
280
420
VGE = 15V, RG = 23Ω
tf
Fall Time
310
470
Energy losses include "tail"
Eon
Turn-On Switching Loss
0.4
Eoff
Turn-Off Switching Loss
1.9
mJ
See Fig. 9, 10, 11, 14
Ets
Total Switching Loss
2.3
3.5
tsc
Short Circuit Withstand Time
10
µs
VCC = 360V, T J = 125°C
VGE = 15V, RG = 23Ω, VCPK < 500V
td(on)
Turn-On Delay Time
31
TJ = 150°C,
tr
Rise Time
30
ns
IC = 14A, VCC = 480V
td(off)
Turn-Off Delay Time
530
VGE = 15V, RG = 23Ω
tf
Fall Time
660
Energy losses include "tail"
Ets
Total Switching Loss
4.4
mJ
See Fig. 10, 14
LE
Internal Emitter Inductance
13
nH
Measured 5mm from package
Cies
Input Capacitance
750
VGE = 0V
Coes
Output Capacitance
110
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
9.3
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
20
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.65
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
1.9
2.9
IC = 16A
VGE = 15V
2.7
V
IC = 26A
See Fig. 2, 5
2.2
IC = 16A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-12
mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
3.3
6.5
S
VCE = 100V, IC = 16A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
1000
VGE = 0V, VCE = 600V, T J = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRGPC30M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC30M IRF-IRGPC30M Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
IRGPC30MD2 IRF-IRGPC30MD2 Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPC30M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC30M-S IRF-IRGBC30M-S Datasheet
250Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGBC30M IRF-IRGBC30M Datasheet
237Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGBC30S IRF-IRGBC30S Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGBC40U IRF-IRGBC40U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
IRGPC30S IRF-IRGPC30S Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGPC40M IRF-IRGPC40M Datasheet
91Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
IRGBC40K IRF-IRGBC40K Datasheet
237Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=25A)
IRGBC20M-S IRF-IRGBC20M-S Datasheet
247Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com