Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2173H Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT2173H
Description  Silicon N Channel Power MOS FET Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2173H Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2173H_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 7Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 8Page - Renesas Technology Corp HAT2173H_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HAT2173H
Rev.2.00 Sep 26, 2005 page 3 of 7
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
24
6
8
10
Tc = 75
°C
25
°C
-25
°C
40
30
20
10
0
50
100
150
200
VDS = 10 V
Pulse Test
VGS = 5.0 V
10 V
8 V
5.2 V
5.4 V
5.6 V
5.8 V
6.2 V
6.0 V
Pulse Test
100
10
1
0.1
0.01
0.1 0.3
1
3
10
30
500
100
500
Tc = 25
°C
1 shot Pulse
PW
=
10
m
s
10
µs
100
µs
Operation in
this area is
limited by RDS(on)
DC
Operation
1 ms
500
400
300
200
100
0
4
8
12
16
20
Pulse Test
ID = 50 A
10 A
20 A
100
10
2
5
20
50
1
30
1
10
100
3
VGS = 8 V
10 V
Pulse Test


Similar Part No. - HAT2173H_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2173H-EL-E RENESAS-HAT2173H-EL-E Datasheet
90Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2173H_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com