Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4066 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC4066
Description  Quad Analog Switches/Quad Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4066 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC4066_15 Datasheet HTML 4Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 5Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 6Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 7Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 8Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 9Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 10Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 11Page - Renesas Technology Corp HD74HC4066_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74HC4066
Rev.2.00 Mar 30, 2006 page 7 of 9
IS (ON): OFF Channel Leakage Current (Switch ON)
VCC
Vin = VCC
or GND
Vout
OPEN
VCC
(ON)
I/O
GND
A
VC = VIH
tPLH, tPHL: Propagation Delay Time (Switch Input to Switch Output)
VCC
Vin
Vout
VCC
Vin
Vout
VOL
VOH
GND
RL =
10 k
CL =
50 pF
VCC
(ON)
GND
tf
tr
tPLH
tPHL
90%
10%
50%
50%
50%
10%
50%
VC = VIH
tZH, tZL/tHZ, tLZ: Output Enable and Disable Time
VCC
VCC
VINH
Vout
Vout
VOH
VOL
VOL
VOH
GND
VCC GND
VC = Vin
Vout
RL =
1 k
CL =
50 pF
VCC
GND
GND
VCC
tf
tZH
tZL
tLZ
tHZ
tr
90%
50%
10%
50%
50%
10%
90%
90%
50%
10%
Vin


Similar Part No. - HD74HC4066_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066FPEL RENESAS-HD74HC4066FPEL Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74HC4066P RENESAS-HD74HC4066P Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74HC4066RPEL RENESAS-HD74HC4066RPEL Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74HC4066TELL RENESAS-HD74HC4066TELL Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
More results

Similar Description - HD74HC4066_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A_06 Datasheet
517Kb / 12P
   Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com