Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR02406N Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR02406N
Description  Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A), 6-in
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR02406N Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR02406N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR02406N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Reversible USB 2.0 Hi-Speed Extension
Cable (Reversible A to A), 6-in.
MODEL NUMBER: UR024-06N
Description
This 6 in. USB extension cable features a Universal / Reversible, A-Male connector, and is manufactured using
USB2.0 cable. Universal / Reversible connector allows the cable to be plugged in any direction. This cable is
backwards compatible and can also be used with the older USB 1.1 cables. Made with superior foil shielding for
reliable error-free data communications. Features nickel plated connectors and gold plated copper contacts for
superior conductivity. The cable is manufactured with molded connectors and integral strain relief for extra
durability and long life. The significantly faster data transfer rates of USB 2.0 (up to 480 Mbps) makes it perfect
for multimedia applications.
Features
6 in., USB 2.0 A-Male to A-Female Extension, with Universal / Reversible "A" Male connector
USB 2.0 compliant, to 480Mbps transfer rates
Backward compatible with previous USB generations
Gold plated contacts and molded ends provide a lifetime of use
28AWG Data Pair, 24AWG Power pair
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Style
USB
Highlights
Universal / Reversible A-Male
plugs in any direction
Extend distances of USB 2.0
cables with this extension cable
Supports faster data transfer
rates (1.5 to 480 Mbps) for low
speed and high speed devices,
especially multimedia applications
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28/24 AWG data lines
Gold plated contacts provide
superior conductivity
System Requirements
Any USB device requiring a USB
cable
USB2.0 performance only when
used with USB2.0 device and
USB2.0 controller
Package Includes
Universal Reversible USB 2.0
A-Male to A-Female Extension
Cable - 6 in.
1 / 2


Similar Part No. - UR02406N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR024000 TRIPPLITE-UR024000 Datasheet
507Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Adapter
UR024000RA TRIPPLITE-UR024000RA Datasheet
509Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Adapter (Reversible A to Right Angle A M-F)
UR024000UP TRIPPLITE-UR024000UP Datasheet
517Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Adapter (Reversible A to Up Angle A M-F)
UR024001 TRIPPLITE-UR024001 Datasheet
497Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 1-ft
UR024003WH TRIPPLITE-UR024003WH Datasheet
484Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 3-ft
More results

Similar Description - UR02406N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR024-06N TRIPPLITE-UR024-06N Datasheet
169Kb / 2P
   Universal Reversible USB 2.0 Extension Cable (Reversible A to A), 6-in.
UR024006 TRIPPLITE-UR024006 Datasheet
503Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 6-ft
UR024006WH TRIPPLITE-UR024006WH Datasheet
484Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 6-ft
UR020006 TRIPPLITE-UR020006 Datasheet
517Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 6-ft
UR024-001 TRIPPLITE-UR024-001 Datasheet
498Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M/F) 1-ft.
UR024-006 TRIPPLITE-UR024-006 Datasheet
504Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable
UR024001 TRIPPLITE-UR024001 Datasheet
497Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 1-ft
UR024-010 TRIPPLITE-UR024-010 Datasheet
504Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M/F), 10-ft
UR024010 TRIPPLITE-UR024010 Datasheet
503Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 10-ft
UR024-006-RA TRIPPLITE-UR024-006-RA Datasheet
487Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible Right / Left Angle A to A M/F), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com